Electronic Components Datasheet Search
  English  ▼

X  

AL5811MP-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL5811MP-13
Description  60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5811MP-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL5811MP-13 Datasheet HTML 6Page - Diodes Incorporated AL5811MP-13 Datasheet HTML 7Page - Diodes Incorporated AL5811MP-13 Datasheet HTML 8Page - Diodes Incorporated AL5811MP-13 Datasheet HTML 9Page - Diodes Incorporated AL5811MP-13 Datasheet HTML 10Page - Diodes Incorporated AL5811MP-13 Datasheet HTML 11Page - Diodes Incorporated AL5811MP-13 Datasheet HTML 12Page - Diodes Incorporated AL5811MP-13 Datasheet HTML 13Page - Diodes Incorporated AL5811MP-13 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AL5811
Document number: DS35255 Rev. 3 - 2
10 of 14
www.diodes.com
November 2016
© Diodes Incorporated
AL5811
Ordering Information (Note 11)
Part Number
Package Code
Packaging
7
”/13” Tape and Reel
Quantity
Part Number Suffix
AL5811MP-13
MP
MSOP-8EP
2,500/Tape & Reel
-13
AL5811FF-7
FF
U-DFN3030-6
3,000/Tape & Reel
-7
Note:
11. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
(1)
MSOP-8EP
AL5811
( Top View )
Y W X E
Part Number
Logo
8
7
6
5
1
2
3
4
Y : Year : 0~9
G : Green
A~Z : 27~52 week; Z represents
W : Week : a~z : 1~26 week;
52 and 53 week
MSOP8-EP
(2)
U-DFN3030-6
XX : Identification Code
( Top
View )
X : A~Z : Green
X
Y
X X
W
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AL5811FF-7
U-DFN3030-6
A9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com