Electronic Components Datasheet Search
  English  ▼

X  

AL5814MP-13 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL5814MP-13
Description  60V LINEAR DIMMABLE LED CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5814MP-13 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL5814MP-13 Datasheet HTML 6Page - Diodes Incorporated AL5814MP-13 Datasheet HTML 7Page - Diodes Incorporated AL5814MP-13 Datasheet HTML 8Page - Diodes Incorporated AL5814MP-13 Datasheet HTML 9Page - Diodes Incorporated AL5814MP-13 Datasheet HTML 10Page - Diodes Incorporated AL5814MP-13 Datasheet HTML 11Page - Diodes Incorporated AL5814MP-13 Datasheet HTML 12Page - Diodes Incorporated AL5814MP-13 Datasheet HTML 13Page - Diodes Incorporated AL5814MP-13 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AL5814
Document number: DS40390 Rev. 3 - 2
13 of 14
www.diodes.com
August 2018
© Diodes Incorporated
AL5814
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
MSOP-8EP
MSOP-8EP
Dim
Min
Max
Typ
A
-
1.10
-
A1
0.05
0.15
0.10
A2
0.75
0.95
0.86
A3
0.29
0.49
0.39
b
0.22
0.38
0.30
c
0.08
0.23
0.15
D
2.90
3.10
3.00
D1
1.60
2.00
1.80
E
4.70
5.10
4.90
E1
2.90
3.10
3.00
E2
1.30
1.70
1.50
E3
2.85
3.05
2.95
e
-
-
0.65
L
0.40
0.80
0.60
a
0°
8°
4°
x
-
-
0.750
y
-
-
0.750
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
MSOP-8EP
Dimensions
Value
(in mm)
C
0.650
G
0.450
X
0.450
X1
2.000
Y
1.350
Y1
1.700
Y2
5.300
1
D
A
A1
A2
E
e
y
x
Seating Plane
Gauge Plane
L
4X1
0°
4X1
0°
D
8Xb
See Detail C
Detail C
c
E1
E3
A3
D1
E2
X
C
Y
Y2
Y1
X1
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com