Electronic Components Datasheet Search
  English  ▼

X  

AP5724 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP5724
Description  WHITE LED STEP-UP CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5724 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP5724_13 Datasheet HTML 1Page - Diodes Incorporated AP5724_13 Datasheet HTML 2Page - Diodes Incorporated AP5724_13 Datasheet HTML 3Page - Diodes Incorporated AP5724_13 Datasheet HTML 4Page - Diodes Incorporated AP5724_13 Datasheet HTML 5Page - Diodes Incorporated AP5724_13 Datasheet HTML 6Page - Diodes Incorporated AP5724_13 Datasheet HTML 7Page - Diodes Incorporated AP5724_13 Datasheet HTML 8Page - Diodes Incorporated AP5724_13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP5724
Document number: DS31843 Rev. 4 - 2
3 of 15
www.diodes.com
December 2013
© Diodes Incorporated
AP5724
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5.5
V
TJ
Operating Junction Temperature
-40
125
°C
TA
Operating Ambient Temperature
-40
85
°C
Electrical Characteristics (@ VIN = 3.6V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
System Supply Input
VIN
Operating Input Voltage
2.7
—
5.5
V
UVLO
Under Voltage Lockout
—
2.2
2.4
V
Under Voltage Lockout Hysteretic
—
85
—
mV
IQ
Quiescent Current
FB = 0.2V, No Switching
—
500
—
μA
ISD
Shutdown Current
VEN < 0.4V
—
0.1
1
μA
Oscillator
FOSC
Operation Frequency
1
1.2
1.4
MHz
Dmax
Maximum Duty Cycle
86
90
—
%
Reference Voltage
VFB
Feedback Voltage
0.09
0.1
0.11
V
IFB
FB Pin Bias Current
10
45
100
nA
MOSFET
Rds(on)
On Resistance of MOSFET
—
0.95
1.2
Ω
IOCP
Switching Current Limit
Normal Operation
—
750
—
mA
Control and Protection
EN
Voltage High
ON
1.5
—
—
V
EN
Voltage Low
OFF
—
—
0.4
V
IEN
EN Pin Pull Low Current
—
4
6
μA
OVP
OVP Threshold
26
30
34
V
θJA
Thermal Resistance Junction-to-Ambient
SOT26 (Note 3)
—
162
—
°C/W
TSOT26 (Note 3)
—
152
—
U-DFN2020-6 (Note 3)
—
200
—
θJC
Thermal Resistance Junction-to-Case
SOT26 (Note 3)
—
36
—
°C/W
TSOT26 (Note 3)
—
32
—
U-DFN2020-6 (Note 3)
—
30
—
Note:
3. Test condition for SOT26, TSOT26 and U-DFN2020-6: Device mounted on FR-4 substrate, single-layer PC board, 2oz copper, with minimum
recommended pad layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com