Electronic Components Datasheet Search
  English  ▼

X  

AP5724 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP5724
Description  WHITE LED STEP-UP CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5724 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP5724 Datasheet HTML 4Page - Diodes Incorporated AP5724 Datasheet HTML 5Page - Diodes Incorporated AP5724 Datasheet HTML 6Page - Diodes Incorporated AP5724 Datasheet HTML 7Page - Diodes Incorporated AP5724 Datasheet HTML 8Page - Diodes Incorporated AP5724 Datasheet HTML 9Page - Diodes Incorporated AP5724 Datasheet HTML 10Page - Diodes Incorporated AP5724 Datasheet HTML 11Page - Diodes Incorporated AP5724 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP5724
Document number: DS31843 Rev. 4 - 2
8 of 15
www.diodes.com
December 2013
© Diodes Incorporated
AP5724
Applications Information
Inductor Selection
A 10
μH to 22μH inductor is recommended for most AP5724 applications. For high efficiency the inductor should have low core losses at 1.2MHz
and low DCR (copper wire resistance). The inductor saturation current rating should also exceed the peak input current, especially for high load
current applications (like 3S8P).
Capacitor Selection
The small size of the ceramic capacitors are ideal for AP5724 applications. X5R and X7R types are recommended because they retain their
capacitance over wider voltage and temperature ranges than other types such as Y5V or Z5U. A 1
μF input capacitor and a 1μF output capacitor
are sufficient for most AP5724 applications. For high output current applications like 3S8P, larger output capacitor of 2.2µF to 4.7µF is
recommended to minimize output ripple.
Diode Selection
Schottky diodes, with their low forward voltage drop and fast reverse recovery, are the ideal choices for AP5724 applications. The forward voltage
drop of a Schottky diode represents the conduction losses in the diode, while the diode capacitance (CT or CD) represents the switching losses.
For diode selection, both forward voltage drop and diode capacitance need to be considered. Schottky diodes with higher current ratings usually
have lower forward voltage drop and larger diode capacitance, which can cause significant switching losses at the 1.2MHz switching frequency of
the AP5724. Schottky diodes with higher current ratings usually have lower forward voltage drop and larger diode capacitance. Larger Schottky
diode capacitance can cause significant switching losses at the 1.2MHz switching frequency of the AP5724. A Schottky diode rated at 100mA to
200mA is sufficient for most AP5724 applications.
LED Current Control
The LED current is controlled by the feedback resistor (RSET in Figure 1). The feedback reference is 0.1V. The LED current is 0.1V/ RSET. In order
to have accurate LED current, precision resistors are preferred (1% is recommended). The formula and table for RSET selection are shown below.
RSET = 0.1V/ILED (See Table 1)
Table 1. RSET Resistor Value Selection
ILED (mA)
RSET (
Ω)
5
20
10
10
15
6.6
20
5
30
3.3
40
2.5
Open-Circuit Protection
In the cases of output open circuit, when the LEDs are disconnected from the circuit or the LEDs fail, the feedback voltage will be zero. The AP5724
will then switch at a high duty cycle resulting in a high output voltage, which may cause the SW and OVP pin voltage to exceed the voltage rating of
these pins. The OVP pin monitors the output voltage. If the output voltage reaches the over voltage protection threshold at the OVP pin (Figure 2),
the over voltage protection is activated and SW pin stops switching.
V
IN
SW
EN
GND
FB
AP5724
C
OUT
1uF
RSET
5
L1
22uH
D1
V
IN
CIN
1uF
OVP
x
x
Figure 2 LED Driver with Open-Circuit Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com