Electronic Components Datasheet Search
  English  ▼

X  

AP8803 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP8803
Description  30V 1A BUCK LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8803 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP8803 Datasheet HTML 1Page - Diodes Incorporated AP8803 Datasheet HTML 2Page - Diodes Incorporated AP8803 Datasheet HTML 3Page - Diodes Incorporated AP8803 Datasheet HTML 4Page - Diodes Incorporated AP8803 Datasheet HTML 5Page - Diodes Incorporated AP8803 Datasheet HTML 6Page - Diodes Incorporated AP8803 Datasheet HTML 7Page - Diodes Incorporated AP8803 Datasheet HTML 8Page - Diodes Incorporated AP8803 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP8803
Document number: DS31970 Rev. 5 - 2
1 of 10
www.diodes.com
August 2012
© Diodes Incorporated
AP8803
30V 1A BUCK LED DRIVER
Description
The AP8803 is a step-down DC/DC converter designed to drive LEDs
with a constant current. The device can drive up to 7 LEDs,
depending on the forward voltage of the LEDs, in series from a
voltage source of 8V to 30V. Series connection of the LEDs provides
identical LED currents resulting in uniform brightness and eliminating
the need for ballast resistors. The AP8803 switches at frequency up
to 700kHz. This allows the use of small size external components,
hence minimizing the PCB area needed.
Maximum output current of AP8803 is set via an external resistor
connected between the VIN and SET input pins. Dimming is achieved
by applying either a DC voltage or a PWM signal at the CTRL input
pin. An input voltage of 0.2V or lower at CTRL shuts down the output
at SW and puts the device into a low-current standby state.
Features
•
LED Driving Current up to 1A
•
High Efficiency Up to 92%
•
Operating Input Voltage Up to 30V
•
High Switching Frequency Up to 700kHz
•
PWM/DC Input for Dimming Control
•
Built-In Output Open-Circuit Protection
•
TSOT25: Available in “Green” Molding Compound (No Br, Sb)
with lead Free Finish/ RoHS Compliant
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
1
2
3
4
5
SET
V
IN
CTRL
GND
SW
Top View
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Typical Applications Circuit
L1
RSET
C1
AP8803
CTRL
VIN
SET
SW
GND
12V_DC


Similar Part No. - AP8803

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
Cost effective 3W LED driver for consumer applications
AP8803WTG-7 DIODES-AP8803WTG-7 Datasheet
268Kb / 2P
Cost effective 3W LED driver for consumer applications
More results

Similar Description - AP8803

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3454 LINER-LTC3454 Datasheet
214Kb / 12P
1A Synchronous Buck-Boost High Current LED Driver
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
AL8808 DIODES-AL8808 Datasheet
3Mb / 20P
COST EFFECTIVE LOW EMI 30V 1A BUCK LED DRIVER
Rev 2
ZXLD1360Q DIODES-ZXLD1360Q Datasheet
724Kb / 22P
AUTOMOTIVE GRADE 30V 1A LED DRIVER
Rev 1
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
1A Buck-Boost LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
1A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
30V 1A LED driver with internal switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com