Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1362 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1362
Description  60V 1A LED DRIVER WITH AEC-Q100
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1362 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1362 Datasheet HTML 1Page - Diodes Incorporated ZXLD1362 Datasheet HTML 2Page - Diodes Incorporated ZXLD1362 Datasheet HTML 3Page - Diodes Incorporated ZXLD1362 Datasheet HTML 4Page - Diodes Incorporated ZXLD1362 Datasheet HTML 5Page - Diodes Incorporated ZXLD1362 Datasheet HTML 6Page - Diodes Incorporated ZXLD1362 Datasheet HTML 7Page - Diodes Incorporated ZXLD1362 Datasheet HTML 8Page - Diodes Incorporated ZXLD1362 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ZXLD1362
Document number: DS33472 Rev. 6 - 2
3 of 25
www.diodes.com
March 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXLD1362
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to +65
V
VSENSE
ISENSE Voltage (Note 5)
+0.3 to -5
V
VLX
LX Output Voltage
-0.3 to +65
V
VADJ
Adjust Pin Input Voltage
-0.3 to +6
V
ILX
Switch Output Current
1.25
A
PTOT
Power Dissipation
(Refer to Package thermal de-rating curve on page 16)
1
W
TST
Storage Temperature
-55 to +150
°C
TJ MAX
Junction Temperature
150
°C
Note:
4 All voltages unless otherwise stated are measured with respect to GND.
5. VSENSE is measured with respect to VIN.
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings
only; functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not
implied. Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
ESD Susceptibility
Rating
Unit
Human Body Model
500
V
Machine Model
75
V
Caution:
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
The human body model is a 100pF capacitor discharge through a 1.5k
Ω resistor pin. The machine model is a 200pF capacitor discharged directly
into each pin.
Thermal Resistance
Symbol
Parameter
Rating
Unit
ΘJA
Junction to Ambient
82
°C/W
ΨJB
Junction to Board
33
°C/W
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Units
VIN
Input Voltage Range (Note 6)
6
60
V
ILX
Maximum recommended continuous/RMS switch current
1
A
VADJ
External control voltage range on ADJ pin for DC brightness control (Note 7)
0.3
2.5
V
VADJoff
DC voltage on ADJ pin to ensure devices is off
0.25
V
tONMIN
Minimum switch on-time
800
ns
fLXmax
Recommended maximum operating frequency (Note 8)
625
kHz
DLX
Duty cycle range
0.01
0.99
TA
Ambient operating temperature range
-40
+125
°C
Notes:
6. VIN > 16V to fully enhance output transistor. Otherwise out current must be derated - see graphs. Operation at low supply may cause excessive
heating due to increased on-resistance. Tested at 7V guaranteed for 6V by design.
7. 100% brightness corresponds to VADJ = VADJ(nom) = VREF. Driving the ADJ pin above VREF will increase the VSENSE threshold and output current
proportionally.
8. ZXLD1362 will operate at higher frequencies but accuracy will be affected due to propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com