Electronic Components Datasheet Search
  English  ▼

X  

60CIQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 60CIQ045
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CIQ045 Datasheet(HTML) 1 Page - International Rectifier

  60CIQ045 Datasheet HTML 1Page - International Rectifier 60CIQ045 Datasheet HTML 2Page - International Rectifier 60CIQ045 Datasheet HTML 3Page - International Rectifier 60CIQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
45A*, 45V
60CIQ045
Major Ratings and Characteristics
Description/Features
02/27/02
CASE STYLE
www.irf.com
1
Characteristics
60CIQ045 Units
IF(AV) Rectangular
45*
A
waveform
VRRM (Per Leg)
45
V
IFSM @ tp = 8.3ms half-sine
400
A
(Per Leg)
TJ, Tstg Operating and storage -55 to 150
°C
ANODECOMMONANODE
CATHODE
1
23
HIGH EFFICIENCY SERIES
IR Case Style TO-259AA
PD -20357C
The 60CIQ045 center tap Schottky rectifier has been
expressly designed to meet the rigorous requirements of
hi-rel environments. It is packaged in the hermetic isolated
TO-259AA package. The device's forward voltage drop
and reverse leakage current are optimized for the lowest
power loss and the highest circuit efficiency for typical high
frequency switching power supplies and resonent power
converters.
Full MIL-PRF-19500 quality conformance
testing is available on source controlled drawings to TX,
TXV and S levels.
• Hermetically Sealed
• Center Tap
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long
Term Reliability
• 2 Interdigitated mounting tabs for secured, intimate
heatsink contact
• Electrically Isolated
(ISOLATEDBASE)
VF @ 25Apk, TJ =125°C
0.62
V
(Per Leg)
*IF(AV) current is limited by pin diameter


Similar Part No. - 60CIQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CIQ045 IRF-60CIQ045 Datasheet
348Kb / 4P
SCHOTTKY RECTIFIER
60CIQ045 IRF-60CIQ045_15 Datasheet
348Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 60CIQ045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com