Electronic Components Datasheet Search
  English  ▼

X  

OP-07 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # OP-07
Description  Low Offset, Low Drift Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OP-07 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OP-07 Datasheet HTML 1Page - National Semiconductor (TI) OP-07 Datasheet HTML 2Page - National Semiconductor (TI) OP-07 Datasheet HTML 3Page - National Semiconductor (TI) OP-07 Datasheet HTML 4Page - National Semiconductor (TI) OP-07 Datasheet HTML 5Page - National Semiconductor (TI) OP-07 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH10550
December 1994
OP-07 Low Offset Low Drift Operational Amplifier
General Description
The OP-07 has very low input offset voltage which is ob-
tained by trimming at the wafer stage These low offset volt-
ages generally eliminate any need for external nulling The
OP-07 also features low input bias current and high open-
loop gain The low offsets and high open-loop gain make
the OP-07 particularly useful for high-gain applications
The wide input voltage range of g13V minimum combined
with high CMRR of 110 dB and high input impedance pro-
vide high accuracy in the non-inverting circuit configuration
Excellent linearity and gain accuracy can be maintained
even at high closed-loop gains
Stability of offsets and gain with time or variation in temper-
ature is excellent
The OP-07 is available in TO-99 metal can ceramic or
molded DIP
For improved specifications see the LM607
Features
Y
Low VOS
75 mV Max
Y
Low VOS Drift
06 mV C Max
Y
Ultra-Stable vs Time
10 mVMonth Max
Y
Low Noise
06 mVp-p Max
Y
Wide Input Voltage Range
g
14V
Y
Wide Supply Voltage Range
g
3V to g18V
Y
Fits 725108A308A 741 AD510 Sockets
Y
Replaces the mA714
Applications
Y
Strain Gauge Amplifiers
Y
Thermocouple Amplifiers
Y
Precision Reference Buffer
Y
Analog Computing Functions
Connection Diagram
Dual-In-Line Package
TLH10550 – 1
See NS Package Number N08E
Ordering Information
TA e 25 C
N08E
Operating
VOSMax
Plastic
Temperature
(mV)
Range
75
OP07EP
COM
150
OP07CP
COM
150
OP07DP
COM
Also available per SMD
8203602
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - OP-07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
logo
Linear Technology
OP-07 LINER-OP-07 Datasheet
1Mb / 8P
Precision Operational Amplifier
OP-07 LINER-OP-07 Datasheet
1Mb / 8P
Precision Operational Amplifier
logo
Texas Instruments
OP-07-N TI1-OP-07-N Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
logo
Linear Technology
OP-07AH LINER-OP-07AH Datasheet
1Mb / 8P
Precision Operational Amplifier
More results

Similar Description - OP-07

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMOP-07 NJRC-NJMOP-07 Datasheet
197Kb / 6P
ULTRA-LOW OFFSET VOLTAGE, LOW DRIFT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
Low Offset, Low Drift JFET Input Operational Amplifier
LF412 NSC-LF412 Datasheet
565Kb / 13P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411 TI1-LF411_11 Datasheet
551Kb / 15P
LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
Low Offset, Low Drift Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com