Electronic Components Datasheet Search
  English  ▼

X  

PDUMNH20HV Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMNH20HV
Description  3.2-3.8kW Single-Phase Monitored PDU, 208/220/230/240V Outlets (8-C13), C20/L6-20P Adapter, 8ft Cord, 1U Rack-Mount; TAA Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMNH20HV Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMNH20HV Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMNH20HV Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMNH20HV Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMNH20HV Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Front Panel LCD Display
Digital meter reports PDU output current in amps
Switches
n/a
LED Indicators
n/a
PHYSICAL
Minimum Required Rack Depth
(inches)
17.1
Minimum Required Rack Depth (cm)
43.43
Shipping Dimensions (hwd / in.)
6.00 x 20.75 x 23.00
Shipping Dimensions (hwd / cm)
15.24 x 52.70 x 58.42
Shipping Weight (lbs.)
13.50
Shipping Weight (kg)
6.12
Unit Dimensions (hwd / in.)
1.75 x 17.5 x 14.8
Unit Dimensions (hwd / cm)
4,4 x 44,4 x 37,6
Unit Weight (lbs.)
9.00
Unit Weight (kg)
4.08
Material of Construction
Metal
Form Factors Supported
1U horizontal rackmount in 2 or 4 post racks
PDU Form Factor
Horizontal (1U)
ENVIRONMENTAL
Storage Temperature Range
5 to 122F (-15 to 50C)
Relative Humidity
5 to 95% non-condensing
Operating Elevation (ft.)
0-10,000
Operating Elevation (m)
0-3000
COMMUNICATIONS
SNMP Compatibility
Pre-installed LX platform interface provides remote monitoring via Java-free HTML5 web interface, telnet, SSH and
SNMP management systems
CERTIFICATIONS
Certifications
Tested to UL 60950-1 (USA, Canada), CE (EEA), Class A (Emissions), NOM (Mexico), RoHS compliant, TAA
Compliant
WARRANTY
Product Warranty Period
(Worldwide)
2-year limited warranty
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com