Electronic Components Datasheet Search
  English  ▼

X  

LL204 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LL204
Description  DUAL OUTPUT FLASHER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LL204 Datasheet(HTML) 3 Page - Unisonic Technologies

  LL204 Datasheet HTML 1Page - Unisonic Technologies LL204 Datasheet HTML 2Page - Unisonic Technologies LL204 Datasheet HTML 3Page - Unisonic Technologies LL204 Datasheet HTML 4Page - Unisonic Technologies LL204 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LL204
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-012.C
BLOCK DIAGRAM
+
-
K1
+
-
+
-
+
-
+
-
+
-
Vcc-13mV
8
5
9
6
12
VRef1
VRef2
Vcc/2
4
2
3
R3
4.7KΩ
R10
1.2KΩ
R6
4.7KΩ
right
left
1.2KΩ
R7
1.2KΩ
R5
4.7KΩ
R4
2
1
Relay
200Ω
R2
Hazard warning
GND 10
13
11
27.5V
Vcc-6V
1
82KΩ
R1
14
C1
4.7μF
1
47KΩ
R8
47KΩ
7
Vcc
Vstart
GND
R3
RShunt
4.8mΩ
2
Contast
Vcc
R9
Vcc
5W 21W 21W
21W 21W 5W
Pin 8, Lamp outage detection
The lamp current is monitored via an external shunt resistor R3 and an internal comparator K1 with its reference
voltage of typ. 13 mV (VSS = 12V). The outage of one lamp out of two lamps is detected according to the following
calculation:
Nominal current of 1 lamp: 21W / (VSS = 12V): Ilamp = 1.75A
Nominal current of 2 lamps: 2 x 21W / (VSS = 12V): Ilamp = 3.5A.
The detection threshold is recommended to be set in the middle of the current range: Ioutage ≈ 2.7A.
Thus the shunt resistor is calculated as:
R3 = VT (K1) / Ioutage
R3 = 13mV/2.7A = 4.8mΩ.
Comparator K1‘s reference voltage is matched to the characteristics of filament lamps (see “control signal
threshold” in the data part).
The combination of shunt resistor and resistance of wire harness prevents Pin 8 from a too high voltage in case of
shorted lamps.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com