Electronic Components Datasheet Search
  English  ▼

X  

ULN2012 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULN2012
Description  HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2012 Datasheet(HTML) 4 Page - Unisonic Technologies

  ULN2012 Datasheet HTML 1Page - Unisonic Technologies ULN2012 Datasheet HTML 2Page - Unisonic Technologies ULN2012 Datasheet HTML 3Page - Unisonic Technologies ULN2012 Datasheet HTML 4Page - Unisonic Technologies ULN2012 Datasheet HTML 5Page - Unisonic Technologies ULN2012 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ULN2012
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R113-020.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Output Sustaining Voltage
VOUT
-0.5 ~ 50
V
Input Voltage
VIN
-0.5 ~ 30
V
Clamp Diode Reverse Voltage
VR
50
V
Output Current
IOUT
600
mA /ch
Clamp Diode Forward Current
IF
600
mA
Power Dissipation
PD
1.25 (Note 2)
W
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. On PCB (Test Board: JEDEC 2s2p)
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Leakage Current
ICEX
1
VCE =50V, VIN=6.0V
50
μA
IOUT =200mA, IIN =350μA
1.1
1.3
V
IOUT =350mA, IIN =500μA
1.3
1.6
V
Collector-Emitter Saturation Voltage VCEO(SAT)
2
IOUT =500mA, IIN=600μA
1.7
1.9
V
Input Current (Output On)
IIN (ON)
3
VIN=17V
0.82
1.25
mA
Input Current (Output Off)
IIN (OFF)
4
IC=500µA
50
65
μA
Input Voltage (Output On)
VIN(ON)
5
VCE=2V, IC=500mA
17
V
VR=50V, TA=25°C
50
μA
Clamp Diode Reverse Current
IR
6
VR=50V, TA=85°C
100
μA
IF=350mA
1.7
2.0
V
Clamp Diode Forward Voltage
VF
7
IF=500mA
2.1
2.5
V
Input Capacitance
CIN
15
25
pF
Turn-On Delay
tON
8
0.5Ein to 0.5 Eout
0.45
μs
Turn-Off Delay
tOFF
8
0.5Ein to 0.5 Eout
0.2
μs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com