Electronic Components Datasheet Search
  English  ▼

X  

UT3202 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3202
Description  3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3202 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3202 Datasheet HTML 1Page - Unisonic Technologies UT3202 Datasheet HTML 2Page - Unisonic Technologies UT3202 Datasheet HTML 3Page - Unisonic Technologies UT3202 Datasheet HTML 4Page - Unisonic Technologies UT3202 Datasheet HTML 5Page - Unisonic Technologies UT3202 Datasheet HTML 6Page - Unisonic Technologies UT3202 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3202
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-B37.a
3.0V TO 5.5V LOW POWER
MULTICHANNEL RS-232 LINE
TRANSCEIVERS USING FOR
0.1μF EXTERNAL CAPACITORS
DESCRIPTION
The UTC UT3202 has two receivers and two drivers, and a dual
charge-pump circuit. The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an
asynchronous communication controller and the serial-port connector.
The charge pump and four small external capacitors allow operation
from a single 3.0V to 5.5V supply. The device operates at data
signaling rates up to 250kbit/s and a maximum of 35V/μs driver output
slew rate.
FEATURES
* Exceeds ±8KV ESD Protection(HBM) for RS-232 I/O Pins
* Meets the Requirements of TIA/EIA-232-F and ITU V.28 Standards
* Operates With 3.0V to 5.5V VCC Supply
* Operates Up To 250kbit/s Data Rate
* Two Drivers and Two Receivers
* External Capacitors 4×0.1μF
* Accepts 5.0V Logic Input With 3.3V Supply
SOP-16
TSSOP-16
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UT3202L-S16-R
UT3202G-S16-R
SOP-16
Tape Reel
UT3202L-P16-R
UT3202G-P16-R
TSSOP-16
Tape Reel
MARKING


Similar Part No. - UT3202

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
UT3210 JUXING-UT3210 Datasheet
2Mb / 3P
Surface Mount Compound Function Triggers
logo
Unisonic Technologies
UT3221 UTC-UT3221 Datasheet
267Kb / 10P
LINE DRIVER/RECEIVER
UT3221EG-P16-T UTC-UT3221EG-P16-T Datasheet
267Kb / 10P
LINE DRIVER/RECEIVER
UT3221EG-R16-T UTC-UT3221EG-R16-T Datasheet
267Kb / 10P
LINE DRIVER/RECEIVER
UT3221EL-P16-T UTC-UT3221EL-P16-T Datasheet
267Kb / 10P
LINE DRIVER/RECEIVER
More results

Similar Description - UT3202

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3232 UTC-UT3232 Datasheet
260Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR
UT3232 UTC-UT3232_15 Datasheet
266Kb / 7P
MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
MAX3232 UMW-MAX3232 Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
MAX3232CDR UMW-MAX3232CDR Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
MAX3232CSE UMW-MAX3232CSE Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
MAX3232ESE UMW-MAX3232ESE Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
MAX3232ID UMW-MAX3232ID Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
SP3232 UMW-SP3232 Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
ST3232BDR UMW-ST3232BDR Datasheet
406Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com