Electronic Components Datasheet Search
  English  ▼

X  

US5507 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # US5507
Description  High Slew Rate, High Current Drive Rail to Rail Operation Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

US5507 Datasheet(HTML) 2 Page - uPI Group Inc.

  US5507 Datasheet HTML 1Page - uPI Group Inc. US5507 Datasheet HTML 2Page - uPI Group Inc. US5507 Datasheet HTML 3Page - uPI Group Inc. US5507 Datasheet HTML 4Page - uPI Group Inc. US5507 Datasheet HTML 5Page - uPI Group Inc. US5507 Datasheet HTML 6Page - uPI Group Inc. US5507 Datasheet HTML 7Page - uPI Group Inc. US5507 Datasheet HTML 8Page - uPI Group Inc. US5507 Datasheet HTML 9Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
uS5507
2
uS5507-DS-F0000, Dec. 2012
www.upi-semi.com
Functional Pin Description
.
o
Ne
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1C
N
.
d
e
t
c
e
n
n
o
C
y
l
l
a
n
r
e
t
n
I
t
o
N
2-
A
N
I
V
.
A
-
r
e
i
f
i
l
p
m
A
r
o
f
t
u
p
n
I
e
v
i
t
a
g
e
N
3+
A
N
I
V
.
A
-
r
e
i
f
i
l
p
m
A
r
o
f
t
u
p
n
I
e
v
i
t
i
s
o
P
4D
N
G
.
d
n
u
o
r
G
5C
N
.
d
e
t
c
e
n
n
o
C
y
l
l
a
n
r
e
t
n
I
t
o
N
6A
T
U
O
V
.
A
t
u
p
t
u
O
M
O
C
V
7D
D
V
.
t
u
p
n
I
y
l
p
p
u
S
e
v
i
t
i
s
o
P
8C
N
.
d
e
t
c
e
n
n
o
C
y
l
l
a
n
r
e
t
n
I
t
o
N
d
a
P
d
e
s
o
p
x
E
.
d
n
u
o
r
G
Functional Block Diagram
NC
VINA-
GND
VINA+
VOUTA
VDD
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com