Electronic Components Datasheet Search
  English  ▼

X  

US5587 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # US5587
Description  Low-Power, 8-bit Analog to Digital Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

US5587 Datasheet(HTML) 2 Page - uPI Group Inc.

  US5587 Datasheet HTML 1Page - uPI Group Inc. US5587 Datasheet HTML 2Page - uPI Group Inc. US5587 Datasheet HTML 3Page - uPI Group Inc. US5587 Datasheet HTML 4Page - uPI Group Inc. US5587 Datasheet HTML 5Page - uPI Group Inc. US5587 Datasheet HTML 6Page - uPI Group Inc. US5587 Datasheet HTML 7Page - uPI Group Inc. US5587 Datasheet HTML 8Page - uPI Group Inc. US5587 Datasheet HTML 9Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
uS5587
uS5587-DS-F0000, May 2016
www.upi-semi.com
2
Functional Pin Description
.
o
Ne
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1C
N
.
d
e
t
c
e
n
n
o
C
y
l
l
a
n
r
e
t
n
I
t
o
N
2C
N
.
d
e
t
c
e
n
n
o
C
y
l
l
a
n
r
e
t
n
I
t
o
N
3D
N
G
.
C
I
e
h
t
r
o
f
d
n
u
o
r
G
r
e
w
o
P
d
n
a
l
a
n
g
i
S
s
i
h
t
o
t
t
c
e
p
s
e
r
h
t
i
w
d
e
r
u
s
a
e
m
e
r
a
s
l
e
v
e
l
e
g
a
t
l
o
v
ll
A
.
e
l
b
a
l
i
a
v
a
n
o
i
t
c
e
n
n
o
c
e
c
n
a
d
e
p
m
i
t
s
e
w
o
l
e
h
t
h
g
u
o
r
h
t
e
n
a
l
p
/
d
n
a
l
s
i
d
n
u
o
r
g
e
h
t
o
t
n
i
p
s
i
h
t
e
i
T
.
n
i
p
42
N
I
A
.
2
t
u
p
n
I
e
g
a
t
l
o
V
g
o
l
a
n
A
.
n
i
p
t
u
p
n
i
e
g
a
t
l
o
v
2
l
e
n
n
a
h
c
e
h
T
51
N
I
A
.
1
t
u
p
n
I
e
g
a
t
l
o
V
g
o
l
a
n
A
.
n
i
p
t
u
p
n
i
e
g
a
t
l
o
v
1
l
e
n
n
a
h
c
e
h
T
63
N
I
A
.
3
t
u
p
n
I
e
g
a
t
l
o
V
g
o
l
a
n
A
.
n
i
p
t
u
p
n
i
e
g
a
t
l
o
v
3
l
e
n
n
a
h
c
e
h
T
7N
E
.
t
u
p
n
I
e
l
b
a
n
E
t
n
e
c
s
e
i
u
q
e
h
t
s
e
c
u
d
e
r
d
n
a
f
f
o
r
o
t
a
l
u
g
e
r
e
h
t
s
n
r
u
t
V
4
.
0
w
o
l
e
b
n
i
p
s
i
h
t
g
n
il
l
u
P
d
e
ll
u
p
y
ll
a
n
r
e
t
n
I
s
i
e
c
n
a
t
s
i
s
e
r
e
h
T
.
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
r
o
f
V
8
.
1
n
a
h
t
r
e
h
g
i
h
n
i
p
s
i
h
t
ll
u
P
.
t
n
e
r
r
u
c
K
0
0
7
m
o
r
f
n
w
o
d
Ω
.
V
4
.
0
w
o
l
e
b
s
p
o
r
d
N
E
e
h
t
n
e
h
w
K
C
A
-
e
n
o
n
e
b
ll
i
w
C
2
I
.
D
N
G
o
t
8D
D
V
.
C
I
e
h
t
r
o
f
t
u
p
n
I
y
l
p
p
u
S
g
n
i
s
u
e
l
p
u
o
c
e
d
d
n
a
y
l
p
p
u
s
r
e
w
o
p
V
6
.
3
o
t
V
8
.
2
a
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
u
1
.
0
a
9A
D
S
I
r
o
f
a
t
a
D
2
.
e
c
a
f
r
e
t
n
I
C
I
e
h
t
r
o
f
l
a
n
g
i
s
a
t
a
d
e
h
t
o
t
A
D
S
t
c
e
n
n
o
C
2
.
s
u
b
C
0
1L
C
S
I
r
o
f
k
c
o
l
C
2
.
e
c
a
f
r
e
t
n
I
C
I
e
h
t
r
o
f
l
a
n
g
i
s
k
c
o
l
c
e
h
t
o
t
L
C
S
t
c
e
n
n
o
C
2
.
s
u
b
C
Functional Block Diagram
SDA
SCL
GND
Reference
POR
8bit A/D
Converter
I2C Interface
VDD
AIN1
AIN2
AIN3
Timing
control
EN
Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com