Electronic Components Datasheet Search
  English  ▼

X  

DS3231SN Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS3231SN
Description  Extremely Accurate I2C-Integrated RTC/TXO/Crystal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3231SN Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS3231SN Datasheet HTML 11Page - Dallas Semiconductor DS3231SN Datasheet HTML 12Page - Dallas Semiconductor DS3231SN Datasheet HTML 13Page - Dallas Semiconductor DS3231SN Datasheet HTML 14Page - Dallas Semiconductor DS3231SN Datasheet HTML 15Page - Dallas Semiconductor DS3231SN Datasheet HTML 16Page - Dallas Semiconductor DS3231SN Datasheet HTML 17Page - Dallas Semiconductor DS3231SN Datasheet HTML 18Page - Dallas Semiconductor DS3231SN Datasheet HTML 19Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Temperature Registers (11h–12h)
Temperature is represented as a 10-bit code with a res-
olution of +0.25°C and is accessible at location 11h
and 12h. The temperature is encoded in two’s comple-
ment format. The upper 8 bits are at location 11h and
the lower 2 bits are in the upper nibble at location 12h.
Upon power reset, the registers are set to a default
temperature of 0°C and the controller starts a tempera-
ture conversion. New temperature readings are stored
in this register.
I2C Serial Data Bus
The DS3231 supports a bidirectional I2C bus and data
transmission protocol. A device that sends data onto
the bus is defined as a transmitter and a device receiv-
ing data is defined as a receiver. The device that con-
trols the message is called a master. The devices that
are controlled by the master are slaves. The bus must
be controlled by a master device that generates the
serial clock (SCL), controls the bus access, and gener-
ates the START and STOP conditions. The DS3231
operates as a slave on the I2C bus. Connections to the
bus are made through the SCL input and open-drain
SDA I/O lines. Within the bus specifications, a standard
mode (100kHz maximum clock rate) and a fast mode
(400kHz maximum clock rate) are defined. The DS3231
works in both modes.
The following bus protocol has been defined (Figure 2):
• Data transfer may be initiated only when the bus is
not busy.
• During data transfer, the data line must remain stable
whenever the clock line is high. Changes in the data
line while the clock line is high are interpreted as
control signals.
Accordingly, the following bus conditions have been
defined:
Bus not busy: Both data and clock lines remain
high.
Start data transfer: A change in the state of the
data line from high to low, while the clock line is high,
defines a START condition.
Stop data transfer: A change in the state of the data
line from low to high, while the clock line is high,
defines a STOP condition.
Data valid: The state of the data line represents
valid data when, after a START condition, the data
line is stable for the duration of the high period of the
clock signal. The data on the line must be changed
during the low period of the clock signal. There is
one clock pulse per bit of data.
Each data transfer is initiated with a START condition
and terminated with a STOP condition. The number
of data bytes transferred between the START and
the STOP conditions is not limited, and is determined
by the master device. The information is transferred
byte-wise and each receiver acknowledges with a
ninth bit.
Acknowledge: Each receiving device, when
addressed, is obliged to generate an acknowledge
after the reception of each byte. The master device
must generate an extra clock pulse, which is associ-
ated with this acknowledge bit.
A device that acknowledges must pull down the SDA
line during the acknowledge clock pulse in such a
way that the SDA line is stable low during the high
period of the acknowledge-related clock pulse. Of
course, setup and hold times must be taken into
account. A master must signal an end of data to the
slave by not generating an acknowledge bit on the
last byte that has been clocked out of the slave. In
this case, the slave must leave the data line high to
enable the master to generate the STOP condition.
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
____________________________________________________________________
15
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Sign
Data
Data
Data
Data
Data
Data
Data
Temperature Register (Upper Byte) (11h)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Data
Data
0
00000
Temperature Register (Lower Byte) (12h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com