Electronic Components Datasheet Search
  English  ▼

X  

FFSAS01BFR Datasheet(PDF) 2 Page - XP Power Limited

Part # FFSAS01BFR
Description  IEC Power Entry Inlet with Line Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FFSAS01BFR Datasheet(HTML) 2 Page - XP Power Limited

  FFSAS01BFR Datasheet HTML 1Page - XP Power Limited FFSAS01BFR Datasheet HTML 2Page - XP Power Limited FFSAS01BFR Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.xppower.com
2
EMI Filter
FFSA
Models & Ratings
80
0
-20
-40
020
40
60
80
100
120
20
40
60
100
Ambient Temperature (°C)
Thermal Derating
2.48
(63.0)
2.56
(65.2)
1.15
(29.4) Max.
N’ PE’ L’
0.39
(10.0)
2 x Ø 0.13
(3.5) Min.
1.16
(29.5)
1.57 (40.0)
2.39
(60.8)
2.39
(60.8)
Max.
1.77
(45.0) Max.
2.51 (64.0) Max.
Output Terminals: 6.3 mm x 0.8 mm Fast-ons
0.13
(3.5)
Top View
2 x Ø 0.12
(3.3)
Use only with a 250V fuse
GB20213746.5 CN568462
TWM215052US7019612B2
PAT.
PE
L
N
4xR2.5 Max.
Suggested Panel Cutout
(Mounting from front)
L
1.57 (40.0)
1.95 (49.5)
Mechanical Details
Rated
current
Leakage current
Inductance
Capacitance
Resistance Weight Application Mounting
Filter
115VAC/60Hz
250VAC/50Hz @10kHz, 0.25V
Cx
Cy
1A
0.25mA
0.45mA
2 x 6.5mH
0.1 µF
4.4 nF
1M
Ω 96g ITE Screw FFSAS01BFR
2A
0.25mA
0.45mA
2 x 3.8mH
0.1 µF
4.4 nF
1M
Ω 96g ITE Screw FFSAS02BFR
4A
0.25mA
0.45mA
2 x 1.6mH
0.1 µF
4.4 nF
1M
Ω 96g ITE Screw FFSAS04BFR
6A
0.25mA
0.45mA
2 x 0.8mH
0.1 µF
4.4 nF
1M
Ω 98g ITE Screw FFSAS06BFR
10A
0.25mA
0.45mA
2 x 0.2mH
0.1 µF
4.4 nF
1M
Ω 104g ITE Screw FFSAS10BFR
All dimensions in inches (mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com