Electronic Components Datasheet Search
  English  ▼

X  

GYB Datasheet(PDF) 2 Page - Nichicon corporation

Part # GYB
Description  Chip Type, 105째C High Reliability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

GYB Datasheet(HTML) 2 Page - Nichicon corporation

  GYB Datasheet HTML 1Page - Nichicon corporation GYB Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ESR at 20°C 100kHz
Rated ripple Current at 105°C 100kHz
Specifications
0 Frequency0/
Coefficient
120Hz
1kHz
10kHz 100kHz or more
0.15
0.40
0.75
1.00
Frequency coefficient of rated ripple current
GYB
25
35
50
63
1E
1V
1H
1J
10
100
6.3 × 5.8
120
1000
22
220
6.3 × 5.8
80
1100
6.3 × 7.7
80
1500
33
330
6.3 × 7.7
40
1600
8 × 10
40
1600
47
470
6.3 × 5.8
60
1300
56
560
6.3 × 5.8
50
1300
10 × 10
30
1800
68
680
6.3 × 7.7
35
2000
8 × 10
30
1800
100
101
6.3 × 7.7
30
2000
10 × 10
28
2000
150
151
8 × 10
27
2300
220
221
8 × 10
27
2300
270
271
10 × 10
20
2500
fD×L
ESR
mΩ
Ripple
mArms
330
331
10 × 10
20
2500
V (Code)
Cap.(µF)
Cod
e
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com