Electronic Components Datasheet Search
  English  ▼

X  

LGZ Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGZ
Description  Snap-in Terminal Type, 105째C Long Life Assurance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGZ Datasheet(HTML) 1 Page - Nichicon corporation

  LGZ Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
LGZ
Long life product of LGR series
.
Contribute to longer life of equipment.
Compliant to the RoHS directive (2011/65/EU).
Specifications
Drawing
10±
0.1
2-2φ±0.1
(Terminal dimensions)
The other terminal is also available upon request.
(PC board hole dimensions)
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8+0.2
-0.1
Polarity bar
(10
)
L±2
4.0±0.5
Pressure relief vent
Sleeve (Polyolefin)
Type numbering system (Example : 450V 82µF)
L
1
G
2
Z
3
2
4
W
5
8
6
2
7
0
8
M
9 10
E
13
L
11
14
B
12
2 5
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (82µF)
Rated voltage (450V)
Series name
Type
φD
30
Code
B
35
C
Performance Characteristics
Item
Rated Voltage Range
Marking
Category Temperature Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
– 25 to +105°C
450V
82 to 330µF
±
20% at 120Hz, 20°C
Printed with white color letter on black sleeve.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus
rated ripple current is applied for 20000 hours at 105°C,
the peak voltage shall not exceed the rated voltage.
0.20MAX. 120Hz at 20°C
Less than or equal to the initial specified value
Within ± 25% of the initial capacitance value
Leakage current
Capacitance change
tan δ
250% or less than the initial specified value
Less than or equal to the initial specified value
Within ± 15% of the initial capacitance value
Leakage current
Capacitance change
tan δ
150% or less than the initial specified value
Shelf Life
After storing the capacitors under no load at 105°C for 1000
hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the characteristic requirements listed at right.
Rated voltage (V)
450
Z – 25°C / Z+20°C
8
Impedance ratio ZT/Z20(MAX.)
Dimensions
450V (2W)
Cap.
(µF)
Size
φD
× L(mm)
Rated ripple
(mArms)
Leakage Current
(mA)
Code
82
30 × 25
560
0.57
LGZ2W820MELB25
100
30 × 30
640
0.63
LGZ2W101MELB30
120
30 × 35
720
0.69
LGZ2W121MELB35
35 × 25
720
0.69
LGZ2W121MELC25
150
30 × 40
790
0.77
LGZ2W151MELB40
35 × 30
790
0.77
LGZ2W151MELC30
180
30 × 45
870
0.85
LGZ2W181MELB45
35 × 35
870
0.85
LGZ2W181MELC35
220
30 × 50
1000
0.94
LGZ2W221MELB50
35 × 40
1000
0.94
LGZ2W221MELC40
270
35 × 45
1190
1.04
LGZ2W271MELC45
330
35 × 50
1380
1.15
LGZ2W331MELC50
Rated ripple current (mArms) at 105°C 120Hz
Minimum order quantity : 50pcs.
Frequency coefficient of rated ripple current
Frequency (Hz)
50
60
120
300
1 k
10k
50k or more
Coefficient
0.77 0.82 1.00 1.16 1.30 1.41
1.43
After 5 minutes’ application of rated voltage at 20°C, leakage current is not more than
(µA) or 5 mA, whichever is smaller (at 20°C)
[C : Rated Capacitance (µF) , V : Voltage (V)]
3 CV
3 CV
3 CV
LGZ
Long Life
LGR
NEW
October 2018
Snap-in Terminal Type, 105°C Long Life Assurance


Similar Part No. - LGZ

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LGZ180-CO SIEMENS-LGZ180-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LGZ181-CO SIEMENS-LGZ181-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LGZ182-CO SIEMENS-LGZ182-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LGZ183-CO SIEMENS-LGZ183-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LGZ184-CO SIEMENS-LGZ184-CO Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
More results

Similar Description - LGZ

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
CHIP TYPE, LONG LIFE ASSURANCE
logo
Vishay Siliconix
096PLL-4TSI VISHAY-096PLL-4TSI Datasheet
106Kb / 7P
Aluminum Capacitors Power Long Life 4-Terminal Snap-In
08-Aug-08
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE Datasheet
246Kb / 4P
12mm Square Long-life (Snap-in Type)
logo
Vishay Siliconix
095PLL-4TSI VISHAY-095PLL-4TSI_11 Datasheet
112Kb / 7P
Aluminum Capacitors Power Long Life 4-Terminal Snap-In
10-Aug-11
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
12mm Square Long-life (Snap-in Type)
logo
Nichicon corporation
PLS NICHICON-PLS Datasheet
990Kb / 2P
Radial Lead Type, Long Life Assurance
PLV NICHICON-PLV Datasheet
957Kb / 2P
Radial Lead Type, Long Life Assurance
PLX NICHICON-PLX Datasheet
1,002Kb / 2P
Radial Lead Type, Long Life Assurance
UUL NICHICON-UUL Datasheet
788Kb / 2P
Chip Type, Long Life Assurance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com