Electronic Components Datasheet Search
  English  ▼

X  

PCH Datasheet(PDF) 1 Page - Nichicon corporation

Part # PCH
Description  Chip Type, Higher Capacitance High Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCH Datasheet(HTML) 1 Page - Nichicon corporation

  PCH Datasheet HTML 1Page - Nichicon corporation PCH Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCHChipType,HigherCapacitance
High Temperature Range
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan δ)
ESR ( 1)
Leakage Current ( 2)
Performance Characteristics
Item
–55 to +135°C
25 to 63V
22 to 470µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3(µA), whichever is greater.
Z+135°C / Z+20°C
1.25
(100kHz)
Z
–55°C / Z+20°C
1.25
Endurance
Shelf Life
ESR after Endurance ( 1)
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 4000 hours at 135°C.
Less than or equal to the specified value at 100kHz, -40°C
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 2000 hours at 85°C, 85% RH.
After soldering the capacitor under the soldering conditions
prescribed here, the capacitor shall meet the specifications listed at
right.
Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec.
The duration for over +230°C temperature at capacitor surface shall
not exceed 60 seconds.
In case peak temperature is 260°C or less, reflow soldering shall be
two times maximum.
Measurement for solder temperature profile shall be made at the
capacitor top and the terminal.
Navy blue print on the case top
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of initial capacitance value ( 3)
150% or less of the initial specified value
200% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 20% of initial capacitance value ( 3)
150% or less of the initial specified value
200% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current ( 2)
ESR ( 1)
Within ± 10% of the initial capacitance value ( 3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
High reliability, High voltage (to 63V).
Low ESR, High ripple current.
Long life of 4000 hours at 135°C.
SMD type : Lead free reflow soldering condition at
260°C peak complete correspondence.
Compliant to the RoHS directive (2011/65/EU).
ESR after Endurance at -40°C.
AEC-Q200 compliant. Please contact us for details.
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
P
1
C
2
H
3
1
4
V
5
1
6
5
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Size code
Capacitance tolerance (±20%)
Rated capacitance (150µF)
Rated voltage (35V)
Series name
Type
Type numbering system (Example : 35V 150µF)
PCH
PCR
After storing the capacitors under no load at 135°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
H
0.3 MAX.
C±0.2
L
Series
Voltage (V:35V)
Plastic platform
Lot No.
Capacitance
Negative
Positive
+0.1
-0.4
Dimensions
NEW
Voltage
V
25
35
50
63
Code
E
V
H
J
Size
φD
L
A
B
C
E
H
φ8
× 7L
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8
× 10L
8.0
9.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8
× 12L
8.0
11.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ10
× 8L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
× 10L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10
× 12.7L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 to 1.1
(mm)
Frequency coefficient of rated ripple current
0 Frequency0/
Coefficient
120Hz 1kHz 10kHz 100kHz or more
0.05
0.30
0.70
1.00
High Temperature


Similar Part No. - PCH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
134Kb / 3P
Miniature Power PCB Relay PCH
logo
Amphenol Wilcoxon Sensi...
PCH WILCOXON-PCH Datasheet
697Kb / 14P
Amphenol (Maryland) PCH Sensor Revision 1
rev. 1 9 May 2018
logo
TE Connectivity Ltd
PCH TEC-PCH Datasheet
7Mb / 38P
RELAYS, CONTACTORS & CIRCUIT BREAKERS
02/20 JN
logo
Nichicon corporation
PCH NICHICON-PCH Datasheet
1Mb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - PCH

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
CK1A100KC DBLECTRO-CK1A100KC Datasheet
517Kb / 13P
CHIP TYPE, WIDE TEMPERATURE RANGE
logo
Wall Industries,Inc.
QAW WALL-QAW Datasheet
143Kb / 3P
Higher Operating Temperature
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
Higher Capacitance per Case Size
logo
Nichicon corporation
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
Chip Type, Low ESR, Higher Capacitance
PCL NICHICON-PCL Datasheet
1,001Kb / 2P
Chip Type, Higher Capacitance LongLife Assurance
PLG NICHICON-PLG Datasheet
889Kb / 2P
Radial Lead Type, Higher Capacitance
PCG NICHICON-PCG Datasheet
960Kb / 2P
Chip Type, Higher Capacitance
UUJ2A470MNQ1MS NICHICON-UUJ2A470MNQ1MS Datasheet
368Kb / 3P
Chip Type, Higher Capacitance Range
UWT1E101MCL1GS NICHICON-UWT1E101MCL1GS Datasheet
414Kb / 3P
Chip Type, Wide Temperature Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com