Electronic Components Datasheet Search
  English  ▼

X  

IRH9130 Datasheet(PDF) 7 Page - International Rectifier

Part # IRH9130
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (T0-204AA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH9130 Datasheet(HTML) 7 Page - International Rectifier

  IRH9130 Datasheet HTML 1Page - International Rectifier IRH9130 Datasheet HTML 2Page - International Rectifier IRH9130 Datasheet HTML 3Page - International Rectifier IRH9130 Datasheet HTML 4Page - International Rectifier IRH9130 Datasheet HTML 5Page - International Rectifier IRH9130 Datasheet HTML 6Page - International Rectifier IRH9130 Datasheet HTML 7Page - International Rectifier IRH9130 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
Pre-Irradiation
IRH9130
QG
QGS
QGD
VG
Charge
-12 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
25
50
75
100
125
150
0
100
200
300
400
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-4.9A
-7.0A
-11A
R G
IAS
0.01
Ω
t p
D.U .T
L
V DS
VDD
DRIV E R
A
15V
-20V
VGS
tp
V (BR)DSS
I AS
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com