Electronic Components Datasheet Search
  English  ▼

X  

PCH1V331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCH1V331MCL1GS
Description  Chip Type, Higher Capacitance High Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCH1V331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  PCH1V331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCH1V331MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCH
Dimensions
Rated Voltage
(V)(code)
Surge Voltage
(V)
800
1800
1400
2100
2200
2000
700
1700
1300
1800
2200
1900
700
1600
1200
1600
1700
1800
700
1500
1100
1700
1800
1600
82
40
66
38
40
30
88
44
66
42
40
32
90
52
84
50
50
38
96
56
94
54
56
48
41
20
33
19
20
15
44
22
33
21
20
16
45
26
42
25
25
19
48
28
47
27
28
24
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
100
220
220
270
330
470
68
150
150
220
270
330
31
25
(1E)
43
35
(1V)
PCH1E101MCL1GS
PCH1E221MCL6GS
PCH1E221MCL1GS
PCH1E271MCL1GS
PCH1E331MCL1GS
PCH1E471MCL1GS
PCH1V680MCL1GS
PCH1V151MCL6GS
PCH1V151MCL1GS
PCH1V221MCL1GS
PCH1V271MCL1GS
PCH1V331MCL1GS
PCH1H390MCL1GS
PCH1H820MCL6GS
PCH1H820MCL1GS
PCH1H121MCL2GS
PCH1H121MCL1GS
PCH1H181MCL1GS
PCH1J220MCL1GS
PCH1J390MCL1GS
PCH1J470MCL1GS
PCH1J560MCL1GS
PCH1J680MCL1GS
PCH1J101MCL1GS
Rated Capacitance
(µF)
Case Size
φD × L (mm)
tan δ
Part Number
Low temp.
ESR after
Endurance
(m )
(-40°C / 100kHz)
Rated Ripple
(mArms)
(135°C / 100kHz)
Initial
ESR
(m )
(20°C / 100kHz)
39
82
82
120
120
180
22
39
47
56
68
100
63
50
(1H)
79
63
(1J)
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 2 will be put at 12th digit of type numbering system.
: In this case, 6 will be put at 12th digit of type numbering system.
October 2018



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com