Electronic Components Datasheet Search
  English  ▼

X  

2PT Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 2PT
Description  Sensitive gate SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2PT Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  2PT Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
2PT Series RoHS
RoHS
Sensitive gate SCRs, 2A
SYMBOL
IT(RMS)
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
2
I t
2
I t Value for fusing
2
2
A s
dI/dt
Critical rate of rise of on-state current
50
IGM
Peak gate current
PG(AV)
Average gate power dissipation
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 110
ºC
A/µs
A
A
W
UNIT
VALUE
2
0
21
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F = 60 Hz
T =110ºC
j
T = 110ºC
j
T = 110ºC
j
T = 20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
2
A
V
µA
10 to 200
600 to 800
DESCRIPTION
Thanks to highly sensitive triggering levels, the 2PT
series is suitable for all applications where the
available gate current is limited, such as motor
control for hand tools, kitchen aids, capacitive
discharge ignitions, overvoltage crowbar protection
for low power supplies among others.
Available in through-hole or surface-mount packages,
V
600 and 800
T =110ºC
j
VDRM
VRRM
Repetitive peak off-state voltage
Repetitive peak reverse voltage
they provide an optimized performance in a limited
space area.
RMS on-state current full sine wave
(180° conduction angle )
0.2
0.1
Average on-state current
(180° conduction angle)
IT(AV)
1.28
A
K
A
G
K
A
G
A
A
TO-251
(I-PAK)
TO-252
(D-PAK)
I = 2xl , t ≤100ns
G
GT r
(2PTxxF)
(2PTxxG)
www.nellsemi.com
T =90°C
c
TO-251/TO-252
TO-251/TO-252
T =90°C
c
TO-126
(Non-lnsulated)
(2PTxxAM)
T =80°C
c
T =80°C
c
TO-126/SOT-223
TO-92
TO-126/SOT-223
TO-92
T =63°C
c
T =63°C
c
TO-92
(2PTxxE)
3(G)
1(K)
2(A)
A
K
G
2
KA
G
T = 20 µs
p
SOT-223
(2PTxxS)
1
2
3
2


Similar Part No. - 2PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2PT100-K2517 ETC2-2PT100-K2517 Datasheet
44Kb / 1P
CERAMIC WIRE WOUND PRTDS ARE SUITABLE
2PT100-KN1017 ETC2-2PT100-KN1017 Datasheet
44Kb / 1P
CERAMIC WIRE WOUND PRTDS ARE SUITABLE
2PT100-KN1517 ETC2-2PT100-KN1517 Datasheet
44Kb / 1P
CERAMIC WIRE WOUND PRTDS ARE SUITABLE
2PT100-KN2517 ETC2-2PT100-KN2517 Datasheet
44Kb / 1P
CERAMIC WIRE WOUND PRTDS ARE SUITABLE
2PT100-KN3026 ETC2-2PT100-KN3026 Datasheet
44Kb / 1P
CERAMIC WIRE WOUND PRTDS ARE SUITABLE
More results

Similar Description - 2PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
SENSITIVE GATE 0.8A SCRs
Jan-2002
logo
Nell Semiconductor Co.,...
1PT06E-T NELLSEMI-1PT06E-T Datasheet
189Kb / 4P
Sensitive gate SCRs, 1A
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
Sensitive gate SCRs
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
Sensitive gate SCRs
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
Sensitive gate SCRs
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com