| Electronic Components Datasheet Search |
|
LT3486EDHC Datasheet(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT3486EDHC Datasheet(HTML) 3 Page - Linear Technology |
|
3 / 20 page ![]() LT3486 3 3486f The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, VPWM1 = 3V, VPWM2 = 3V, VSHDN = 3V, unless otherwise noted. Note 1: Absolute maximum ratings are those beyond which the life of a device may be impaired. Note 2: The LT3486E is guaranteed to meet specified performance from 0°C to 70°C and is designed, characterized and expected to meet these extended temperature limits, but is not tested at – 40°C and 85°C. PARAMETER CONDITIONS MIN TYP MAX UNITS Maximum Duty Cycle RT = 53.6k ● 90 96 % RT = 20.5k 90 % RT = 309k 98 % Switch Current Limit (SW1, SW2) 1 1.3 A Switch VCESAT ISW1 = ISW2 = 0.75A 300 mV Switch Leakage Current VSW1 = VSW2 = 10V 0.1 5 µA Error Amplifier Transconductance ∆I = ±5µA 220 µA/V Error Amplifier Voltage Gain 120 VC1, VC2 Switching Threshold 0.85 V VC1, VC2 Clamp Voltage 1.5 V VC1, VC2 Source Current VFB1 = VFB2 = 0V 25 µA VC1, VC2 Sink Current VFB1 = VFB2 = 1V 25 µA VC1, VC2 Pin Leakage Current VC1 = VC2 = 1V, VPWM1 = VPWM2 = 0V 1 10 nA OVP1, OVP2 Overvoltage Threshold Voltage 34 36 38 V CTRL1, CTRL2 Voltages to Turn Off LED1, 2 Currents ● 75 mV CTRL1, CTRL2 Voltages to Turn On LED1, 2 Currents 150 mV CTRL1, CTRL2 Voltages for Full LED1, 2 Currents 1.8 V CTRL1, CTRL2 Pin Bias Current VCTRL1 = VCTRL2 = 3V ● 20 30 40 µA PWM1, PWM2 Voltage High ● 0.9 V PWM1, PWM2 Voltage Low ● 0.4 V PWM1, PWM2 Pin Bias Current VPWM1 = VPWM2 = 3V 0.1 1 µA SHDN Voltage High 1.6 V SHDN Voltage Low 0.4 V SHDN Pin Bias Current VSHDN = 3V 20 µA REF Voltage IREF = 10µA 1.2 1.25 1.3 V REF Source Current ● 50 80 µA ELECTRICAL CHARACTERISTICS Note 3: Current flows out of the pin. Note 4: Guaranteed by design and test correlation, not production tested. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |