Electronic Components Datasheet Search
  English  ▼

X  

LTC4441 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4441
Description  N-Channel MOSFET Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4441 Datasheet(HTML) 5 Page - Linear Technology

  LTC4441 Datasheet HTML 1Page - Linear Technology LTC4441 Datasheet HTML 2Page - Linear Technology LTC4441 Datasheet HTML 3Page - Linear Technology LTC4441 Datasheet HTML 4Page - Linear Technology LTC4441 Datasheet HTML 5Page - Linear Technology LTC4441 Datasheet HTML 6Page - Linear Technology LTC4441 Datasheet HTML 7Page - Linear Technology LTC4441 Datasheet HTML 8Page - Linear Technology LTC4441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
44411f
LTC4441/LTC4441-1
TYPICAL PERFOR A CE CHARACTERISTICS
RISE/FALL Time vs DRVCC
RISE/FALL Time vs Temperature
RISE/FALL Time vs CLOAD
Blanking Time vs Temperature
Blanking Time vs RBLANK
VIN Standby Supply Current vs
Temperature
VIN Operating Supply Current vs
Temperature
tPLH, tPHL vs CLOAD
CLOAD (nF)
015
5
10
20253035
45
40
50
4441 G13
100
90
40
30
10
20
0
80
70
60
50
TA = 25°C
DRVCC = 5V
tPHL
tPLH
DRVCC (V)
4.5
6.0
4441 G14
5.0 5.5
6.5
30
20
15
5
10
0
25
7.0 7.5 8.0 8.5 9.0
TA = 25°C
CLOAD = 4.7nF
RISE TIME
FALL TIME
4441 G15
30
20
15
5
10
0
25
DRVCC = 5V
CLOAD = 4.7nF
RISE TIME
FALL TIME
TEMPERATURE (°C)
–50
25
–25
0
50
75
100
125
CLOAD (nF)
015
5
10
20253035
45
40
50
4441 G16
200
180
80
60
20
40
0
160
140
120
100
TA = 25°C
DRVCC = 5V
RISE TIME
FALL TIME
RBLANK (kΩ)
0
300
4441 G17
100
200
400
500
200
150
50
100
450
400
350
300
0
250
500
600
700
TA = 25°C
DRVCC = 5V
LTC4441
4441 G18
250
190
180
160
170
240
230
220
210
150
200
TEMPERATURE (°C)
–50
25
–25
0
50
75
100
125
VIN = 7.5V
DRVCC = 5V
LTC4441
TEMPERATURE (°C)
–50
25
4441 G19
–25
0
50
500
200
150
50
100
450
400
350
300
0
250
75
100
125
EN = 5V
IN = 0V
VIN = 7.5V
VIN = 25V
TEMPERATURE (°C)
–50
25
4441 G20
–25
0
50
15
7
6
4
5
13
11
14
12
10
9
3
8
75
100
125
EN = 0V
IN = 0V
VIN = 7.5V
VIN = 25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com