Electronic Components Datasheet Search
  English  ▼

X  

AS2431ACSN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS2431ACSN
Description  Precision Adjustable Shunt Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS2431ACSN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS2431ACSN Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2431ACSN Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2431ACSN Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2431ACSN Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2431ACSN Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2431ACSN Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2431ACSN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
21
www.ptcc.com.tw
AS2431
Precision Adjustable Shunt Reference
900
700
600
500
400
300
200
100
0
–100
–200
800
–1.0
0
1.0
V
KA – Cathode Voltage (V)
2.0
3.0
Low Current Operating Characteristics
V
KA = VREF
Temperature Range: –55 to 125
°C
125
°C
25
°C
–55
°C
150
125
100
75
50
25
0
–25
–50
–75
–100
–2
–1
0
1
2
3
V
KA – Cathode Voltage (V)
High Current Operating Characteristics
V
KA = VREF
Temperature Range: –55 to 125
°C
100
10
1
0.1
0.01
–60
–30
0
30
T
A – Ambient Temperature (°C)
60
90
120
Off State Leakage
V
KA = 18 V
V
REF = 0 V
3.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
–60
–30
0
30
TA – Ambient Temperature (°C)
60
90
120
V
KA = VREF
I
K = 10 mA
Reference Voltage vs Ambient Temperature
V
REF = 2.500 V at 25°C
Figure 4
Figure 5
Figure 2
Figure 3
Typical Performance Curves



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com