Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 100
Description  100/200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rubber Seated
Butterfly Valve
Series 100/200
S200-0504
401 S. Highland Avenue
Aurora, IL 60506
Phone: 877-436-7977
Fax: 630-844-4124
www.henrypratt.com
Construction Specifications:
Sizes:
2" through 48"
Body:
Cast Iron — Wafer or Lug*
Disc:
Ductile Iron
Epoxy Coated Stainless Steel
Aluminum Bronze
Stem:
Stainless Steel
Resilient Seat:
EPDM
BUNA-N
Viton
Actuation Options:
Worm Gear
Lever
Pneumatic
Electric
Pressure Ratings:
2"-12" — 175 psi
14" and larger — 150 psi
*for installation between ANSI Class 125 flanges
Features:
s All cast body machined to high tolerances. Guaranteed
standard dimensions for interchangeability of parts and
actuators.
s Shaft bushings are impact and corrosion resistant
materials. Protects the shaft from side thrust of actuators.
s Special double-V-shape of stem seal self-adjusts to protect
the stem area for either vacuum or pressure use.
s Stem and body are isolated from line media by seal
created between disc flats and flat surface of seat.
s The special snap-in Resil-O-Seat design fixes seat in
place without bonding. The Resil-O-Seat is 100% field
replaceable — no tools required.
s Molded O-ring in the Resil-O-Seat forms a seal against all
standard flanges. Gasketing requirements are eliminated.
s Disc edge is machined and buffed, providing a bubble tight
shutoff and maximum seat life.
s All valves are factory tested at their rated pressure.


Similar Part No. - 100

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
100 RIEDON-100 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Productwell Precision E...
100 PRODUCTWELL-100 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
E-SWITCH
100 E-SWITCH-100 Datasheet
1Mb / 10P
TOGGLE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
100 ETC2-100 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
SUNMATE electronic Co.,...
100 SUNMATE-100 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
More results

Similar Description - 100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JHS-121 MACOM-JHS-121 Datasheet
104Kb / 2P
Quadrature Hybrid 100 - 200 MHz
logo
LEM
LV100-200 LEM-LV100-200 Datasheet
66Kb / 2P
Voltage Transducer LV 100-200
logo
GHz Technology
VMIL100 GHZTECH-VMIL100 Datasheet
137Kb / 2P
100 Watts, 28 Volts, Class AB Defcom 100 - 200 MHz
logo
Tyco Electronics
JH-121 MACOM-JH-121 Datasheet
172Kb / 2P
Quadrature Hybrid, 100 - 200 MHz
logo
Solid States Devices, I...
SDR9100PHC SSDI-SDR9100PHC Datasheet
191Kb / 2P
100 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
logo
JDS Uniphase Corporatio...
IBC-C01D0141 JDSU-IBC-C01D0141 Datasheet
169Kb / 4P
50/100 GHz, 100/200 GHz Passive Interleavers
logo
M/A-COM Technology Solu...
JH-121 MA-COM-JH-121 Datasheet
93Kb / 3P
Quadrature Hybrid, 100 - 200 MHz
logo
Artesyn Technologies
LPQ201-M ARTESYN-LPQ201-M Datasheet
1Mb / 3P
Total Power: 100 - 200 Watts
logo
Banner Engineering Corp...
LEDRB100X200N BANNER-LEDRB100X200N Datasheet
45Kb / 2P
LED Backlights (100 x 200 mm)
logo
List of Unclassifed Man...
SDS1000X-E ETC1-SDS1000X-E Datasheet
1Mb / 20P
100 MHz, 200 MHz bandwidth models
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com