Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 200
Description  100/200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  200 Datasheet HTML 1Page - List of Unclassifed Manufacturers 200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note: Valves cannot be used on a pipe or flange with an inside diameter less than the “E” dimension.
FIGURE 101
SECTION
FIGURE 102
2"-12"
14"-20"
FIGURE 201
SECTION
FIGURE 202
General Service Rubber Seated Butterfly Valve Specifications
General
Valves shall be of the wafer (or lug wafer) design for
installation between ANSI B16.1 125# flanges. All
valves shall be capable of bi-directional, bubble tight
service to the rated pressure. Valves shall be Pratt
Series 100/200 or approved equal.
Pressure rating
2" through 12" – 200 psi
14" and larger – 150 psi
Body
The valve body shall be cast iron ASTM A-126 Class
B. Laying length shall conform to MSS-SP67, latest
revision.
Disc
Valve disc shall be epoxy coated ductile iron
ASTM A-536 Grade 65-45-12 (or 316 stainless steel).
Shaft
Valve shaft shall be stainless steel type 416 or 17-4.
Seat
Seat shall be EPDM (or Buna-n or Viton). Seats shall
be located in the valve body and shall be field
replaceable.
Shaft Seal
Shaft seal shall be self adjusting V-type and shall be
suitable for pressure or vacuum service.
Testing
All valve shall be leak tested in the factory at their
rated pressure.
Valve Dimensions
Size
A
B
C
D
E
F
G
H
2"
2-1/8
4-1/8
5-1/2
1-5/8
1-11/16
4
1-1/4
9/16
2.5"
2-9/16
4-7/8
6
1-3/4
2-3/16
4
1-1/4
9/16
3"
3-1/8
5-3/8
6-1/4
1-3/4
2-7/8
4
1-1/4
9/16
4"
4-1/8
6-7/8
7
2
3-7/8
4
1-1/4
5/8
5"
5-3/16
7-5/8
7-1/2
2-1/8
5
4
1-1/4
5/8
6"
6-1/8
8-3/4
8
2-1/8
6
4
1-1/4
5/8
8"
8-1/8
11
9-1/2
2-1/2
8
6
1-1/4
3/4
10"
10-1/8
13-3/8
10-3/4
2-1/2
10-1/16
6
1-1/4
7/8
12"
12-3/32
16-1/8
12-1/4
3
11-15/16
6
2
1-1/8
14"
13-1/4
17-9/16
12
3
13-1/8
6
2-1/4
1-3/8
16"
15-1/4
20-1/8
12-61/64
4
15
6
2-1/4
1-5/8
18"
17-1/4
21-1/2
14-1/2
4-1/4
16-7/8
8
3
1-7/8
20"
19-1/4
23-3/4
15-7/8
5
18-3/4
8
3
2-1/8
24" and larger — consult factory



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com