Electronic Components Datasheet Search
  English  ▼

X  

7023591 Datasheet(PDF) 2 Page - SICK AG

Part # 7023591
Description  Plug connector cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7023591 Datasheet(HTML) 2 Page - SICK AG

  7023591 Datasheet HTML 1Page - SICK AG 7023591 Datasheet HTML 2Page - SICK AG 7023591 Datasheet HTML 3Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KA24-SIF22
Ordering information
Type
Part no.
KA24-SIF22
7023591
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connecting cables
Connection type head A
Female connector, 1/2"-20, 4-pin, straight
Connection type head B
Flying leads
Connection type
Flying leads
Connector material
PUR
Connector color
Yellow
Locking nut material
Zinc die-cast, nickel-plated
Cable
2 m, 4-wire, PVC
Jacket material
PVC
Jacket color
Yellow
Reference voltage
≤ 250 V
Current loading
4 A
Enclosure rating
IP67
Ambient operating temperature
Stationary position –40 °C ... +105 °C
Dimensional drawing (Dimensions in mm (inch))
41,0 (1,61)
ø14.0
1/2-2OUNF
2=RD/WH
4=GN
1=RD/BK
3=RD
2
| SICK
Online data sheet | 2018-11-17 00:23:45
Subject to change without notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com