Electronic Components Datasheet Search
  English  ▼

X  

MIC918 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC918
Description  51MHz Low-Power SOT-23-5/SC-70 Op Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC918 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC918 Datasheet HTML 1Page - Micrel Semiconductor MIC918 Datasheet HTML 2Page - Micrel Semiconductor MIC918 Datasheet HTML 3Page - Micrel Semiconductor MIC918 Datasheet HTML 4Page - Micrel Semiconductor MIC918 Datasheet HTML 5Page - Micrel Semiconductor MIC918 Datasheet HTML 6Page - Micrel Semiconductor MIC918 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
October 2001
3
MIC918
MIC918
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
A
VOL
Large-Signal Voltage Gain
R
L = 2k, VOUT = ±2V
75
84
dB
R
L = 100Ω, VOUT = ±1V
93
dB
V
OUT
Maximum Output Voltage Swing
positive, R
L = 2kΩ
6.5
7.5
V
negative, R
L = 2kΩ
–7.5
–6.2
V
GBW
Unity Gain-Bandwidth Product
R
L = 1kΩ
51
MHz
PM
Phase Margin
55
°
BW
–3dB Bandwidth
A
V = 2, RL = 470Ω
109
MHz
SR
Slew Rate
C=1.7pF, Gain=1, V
OUT=5V, peak to peak,
1500
V/
µs
positive SR = 450V/
µs
I
SC
Short-Circuit Output Current
source
50
65
mA
sink
30
50
mA
I
S
Supply Current
No Load
0.55
0.8
mA
Input Voltage Noise
f = 10kHz
10
nV/
√Hz
Input Current Noise
f = 10kHz
0.8
pA/
√Hz
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to change).
Note 4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 5.
Output swing limited by the maximum output sink capability, refer to the short-circuit current vs. temperature graph in “Typical Characteristics.”



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com