Electronic Components Datasheet Search
  English  ▼

X  

8995121221 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 8995121221
Description  EFD Cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

8995121221 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  8995121221 Datasheet HTML 1Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EFD Cores (8995121221)
Part Number: 8995121221
95 EFD CORE SET
EFD (Economical Flat Design) cores have been designed to maximize volume in a low profile geometry. EFD cores allow
maximum throughput power density with reasonably low mass for board level installation.
EFD cores can be supplied with the center post gapped to a mechanical dimension or an A
Lvalue.
Catalog Drawing
3D Model
Weight indicated is per pair or set.
Weight: 1.8 (g)
Chart Legend
Σl/ A  :  Core Constant,    l
e :  Effective Path Length,    Ae :  Effective Cross- Sectional Area,    Ve :
 Effective Core Volume
A
L :  Inductance Factor  
Explanation of Part Numbers: Digits 1 & 2 = product class and 3 & 4 = material grade.
Electrical Properties
A
L(nH)
850 ±25%
Ae(cm
2)
0.11
Σl/ A(cm
-1) 25.9
l
e(cm)
2.84
V
e(cm
3)
0.311
A
min(cm
2) 0.108
A
L value is measured at 1 kHz, B < 10 gauss.
Fair- Rite Products Corp.   •   One Commercial Row, Wallkill, New York 12589-0288
888-324-7748   •   845-895-2055   •   Fax: 845-895-2629   •   ferrites@fair- rite.com   •   www.fair- rite.com
Dim
mm
mm tol
nominal inch
inch misc.
A
12.5
± 0.35
0.492
_
B
6.2
± 0.15
0.244
_
C
3.5
± 0.20
0.138
_
D
4.55
± 0.15
0.179
_
E
9
± 0.35
0.354
_
F
5.4
± 0.20
0.213
_
K
2
± 0.10
0.079
_


Similar Part No. - 8995121221

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
8995101021 FAIR-RITE-8995101021 Datasheet
512Kb / 1P
EFD Cores
8995151521 FAIR-RITE-8995151521 Datasheet
512Kb / 1P
EFD Cores
More results

Similar Description - 8995121221

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
8978101021 FAIR-RITE-8978101021 Datasheet
512Kb / 1P
EFD Cores
8978151521 FAIR-RITE-8978151521 Datasheet
512Kb / 1P
EFD Cores
8978202021 FAIR-RITE-8978202021 Datasheet
512Kb / 1P
EFD Cores
8978252521 FAIR-RITE-8978252521 Datasheet
512Kb / 1P
EFD Cores
8995151521 FAIR-RITE-8995151521 Datasheet
512Kb / 1P
EFD Cores
8995202021 FAIR-RITE-8995202021 Datasheet
512Kb / 1P
EFD Cores
8995252521 FAIR-RITE-8995252521 Datasheet
512Kb / 1P
EFD Cores
8998101021 FAIR-RITE-8998101021 Datasheet
512Kb / 1P
EFD Cores
8998202021 FAIR-RITE-8998202021 Datasheet
512Kb / 1P
EFD Cores
8998303021 FAIR-RITE-8998303021 Datasheet
512Kb / 1P
EFD Cores
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com