Electronic Components Datasheet Search
  English  ▼

X  

ES1AW Datasheet(PDF) 2 Page - Nantong Hornby Electronic Co.,Ltd

Part # ES1AW
Description  SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

ES1AW Datasheet(HTML) 2 Page - Nantong Hornby Electronic Co.,Ltd

  ES1AW Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd ES1AW Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd ES1AW Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ES1AW THRU ES1JW
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
REVERSE VOLTAGE:
50 to 600 VOLTS
FORWARD CURRENT:
1.0 AMPERE
FEATURES
· Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
· For surface mounted applications
· Low profile package
· Easy pick and place
· Built-in strain relief
· Low forward voltage drop
· High temperature soldering : 250°C /10 seconds at terminals
MECHANICAL DATA
Case: Molded plastic, SOD-123FL
Terminals: Solder plated, solderable per MIL-STD-750,
method 2026 guaranteed
Polarity: Color band denotes cathode end
Packaging: 12mm tape per EIA STD RS-481
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
ES1AW
ES1BW
ES1DW
ES1GW
ES1JW
Units
Marking Code
ESL
ESL
ESL
ESM
ESH
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
Volts
Maximum Average Forward Rectified Current
See Fig.2
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 1.0A
VF
1.25
1.70
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
RθJA
℃
/W
Maximum Reverse Recovery Time (Note 3)
TRR
nS
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- P.C.B. mounted with 5.0 x 5.0mm copper pad areas.
3- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
SOD-123FL
Dimensions in inches and (millimeters)
35
Typical Thermal Resistance (Note 2)
-55 to +150
IR
1.0
30
5.0
I(AV)
IFSM
-55 to +150
35
15
Amp
Amp
μAmp
100
0.95



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com