Electronic Components Datasheet Search
  English  ▼

X  

MSA002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSA002
Description  Mounting Instruction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MSA002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSA002 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSA002 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mounting Instruction
MSA 002, 003
For technical data, please look at our catalogue
"Incremental Linear Encoders - Enclosed Models"
Important!
• The measuring length of the Linear Encoder
must be longer than the travel length of the machine!
• Remove transport brackets prior to operation
• Never tilt the encoder head with respect to the extrusion
• Do not connect or disconnect the encoder head with the
Digital Readout or Control if the power is on.
• The Linear Encoder is not protected against dust and
water drops.
• Do not touch the connector pins! (ESD-Instrucion)
• Overall cable length should not exceed 30 m!
Mounting notes
• The best location for mounting a Linear Encoder
is to mount it as close to the centerline of the slide,
or as close to the guideways of the machine, as possible.
• To mount the Linear Encoder, two mounting surfaces are
required; one for the extrusion and one for the encoder
head. If the unit cannot be mounted directly onto the slide,
then mounting brackets would be required.
• Mount the Linear Encoder so that the encoder head never
runs into the end of the extrusion, for overtraveling the
measuring length will destroy the unit!
• If possible, the extrusion should be mounted on the moving
part of the machine guideway and the encoder head fixed,
so that the cable is rigidly attached to the machine and
continuous cable flexure and the chance of a cable snag
are eliminated.
Inspection of the mounting
• Move the slide over the full range of motion to make sure
that full machine movement range can be obtained
without the encoder contacting the end of the scale
extrusion. Otherwise, the Linear Encoder will be
damaged!
Tying down the cables
• Lay the cable so that the minimal bending radius is not
exceeded.
When you have mounted the encoder head at the
moving part of your machine, the cable should be
laying in a drag-chain.
• Overall cable length should not exceed 30 m!
Mounting of the encoder head
• Move the encoder head carefully by hand to the
mounting surface.
• Initially, lightly tighten the screws.
• Adjust the encoder head gap to the mounting gap and
tolerance (1 mm gap), and tighten the mounting screws
according to the specifications.
Mounting of the extrusion
• First, mount the extrusion and loosely tighten
the mounting screws.
• Adjust the mounting so that the extrusion is parallel
to the machine guideway, and tighten the mounting
screws according to the specifications.
Number 07/03 Art., Dok.Nr. BGB0019


Similar Part No. - MSA002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA0185 HP-MSA0185 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA0304 HP-MSA0304 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA0385 HP-MSA0385 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA0485 HP-MSA0485 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
MORNSUN Science& Techno...
MSA0505(M)D-3W MORNSUN-MSA0505(M)D-3W Datasheet
465Kb / 6P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - MSA002

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-TS562 OMRON-CJ1W-TS562 Datasheet
288Kb / 2P
INSTRUCTION SHEET
logo
DENSEI-LAMBDA
PAF600F280 LAMBDA-PAF600F280 Datasheet
897Kb / 13P
Instruction Manual
logo
COREBAI Microelectronic...
CBM232 COREBAI-CBM232 Datasheet
839Kb / 9P
OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2576-XX COREBAI-CBM2576-XX Datasheet
1Mb / 16P
OPERATION INSTRUCTION
CBM2904 COREBAI-CBM2904 Datasheet
803Kb / 7P
OPERATION INSTRUCTION
CBM3232AS COREBAI-CBM3232AS Datasheet
986Kb / 13P
OPERATION INSTRUCTION
CBM3485A COREBAI-CBM3485A Datasheet
903Kb / 11P
OPERATION INSTRUCTION
CBM8031 COREBAI-CBM8031 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8511 COREBAI-CBM8511 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com