Electronic Components Datasheet Search
  English  ▼

X  

SF100 Datasheet(PDF) 1 Page - CUI INC

Part # SF100
Description  THERMAL PAD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SF100 Datasheet(HTML) 1 Page - CUI INC

  SF100 Datasheet HTML 1Page - CUI INC SF100 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 11/02/2018
page 1 of 2
cui.com
SERIES: SF100
│ DESCRIPTION: THERMAL PAD
FEATURES
• 1.5 W/m*K thermal conductivity
• naturally tacky
• silicone based
• electrical isolation
• sizes to match CUI peltier footprints
SPECIFICATIONS
parameter
test method/conditions/description
min
typ
max
units
material
silicone elastomer
color
blue
thickness
ASTM D751
0.5
mm
specific gravity
ASTM D297
2.2
g/cc
hardness
ASTM D2240
15
80
shore OO
tensile strength
ASTM D412
35
psi
continuous use temperature
-58
200
°C
dielectric breakdown voltage
ASTM D149
2500
V
dielectric constant (1 MHz)
ASTM D150
6.0
volume resistivity
ASTM D257
1013
Ω*cm
thermal conductivity
ASTM D5470
1.5
W/m*K
RoHS
yes
PART NUMBER KEY
Base Number
Footprint Size (mm):
10x10 = 1010
15x15 = 1515
15x30 = 1530
20x20 = 2020
20x40 = 2040
26.25x50 = 2650
30x12 = 3012
30x30 = 3030
31.25x30 = 3130
40x40 = 4040
41.25x45 = 4145
50x50 = 5050
70x70 = 7070
SF100 - XXXX 05
For more information, please visit the product page
|
For information on related products, view our Peltier Devices


Similar Part No. - SF100

ManufacturerPart #DatasheetDescription
logo
Surge Components
SF100 SURGE-SF100 Datasheet
81Kb / 2P
SUPERFAST RECOVERY RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes???
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
THERMAL PAD
08/05/2022
logo
ZKTECO CO., LTD. All ri...
SF100 ZKTECO-SF100 Datasheet
609Kb / 2P
IP Based Fingerprint Access Control & Time Attendance
V2.1 01/04/2024
logo
Same Sky Devices
SF100 SAMESKY-SF100 Datasheet
165Kb / 2P
THERMAL PAD
09/12/2024
logo
3M Electronics
SF100 3M-SF100 Datasheet
98Kb / 2P
3M™ SecureFit™ SF100 Series Safety Glasses
More results

Similar Description - SF100

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
GT10D TGLOBAL-GT10D Datasheet
233Kb / 1P
Thermal Pad
Version18 20220801
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
THERMAL PAD
08/05/2022
SF400 CUID-SF400 Datasheet
236Kb / 2P
THERMAL PAD
08/05/2022
logo
T-Global Technology
TG-A373F TGLOBAL-TG-A373F Datasheet
404Kb / 1P
Thermal Pad
20230721
TG-A373L TGLOBAL-TG-A373L Datasheet
379Kb / 1P
Thermal Pad
20230721
TG-A373S TGLOBAL-TG-A373S Datasheet
398Kb / 1P
Thermal Pad
20230712
TG-A375S TGLOBAL-TG-A375S Datasheet
411Kb / 1P
Thermal Pad
20230721
TG-A486G TGLOBAL-TG-A486G Datasheet
364Kb / 1P
Thermal Pad
20230721
TG-AL373 TGLOBAL-TG-AL373 Datasheet
367Kb / 1P
Thermal Pad
20230721
TG-AL375 TGLOBAL-TG-AL375 Datasheet
422Kb / 1P
Thermal Pad
20230721
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com