Electronic Components Datasheet Search
  English  ▼

X  

30PT06AI Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 30PT06AI
Description  Stansard SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

30PT06AI Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  30PT06AI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 30PT06AI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 30PT06AI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 30PT06AI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 30PT06AI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 30PT06AI Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
SEMICONDUCTOR
30PT Series RoHS
RoHS
Stansard SCRs, 30A
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
30
A
V
mA
4 to 50
600 to 1200
DESCRIPTION
www.nellsemi.com
The 30PT series of silicon controlled rectifiers are
high performance glass passivated technology,
and are suitable for general purpose applications,
where power dissipation are critical such as solid
state relay, welding equipment and high power
SYMBOL
IT(RMS)
RMS on-state current full sine wave
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
I t2
2
I t Value for fusing
800
2
A s
dI/dt
Critical rate of rise of on-state current
50
IGM
Peak gate current
PG(AV)
Average gate power dissipation
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
A/µs
A
A
W
UNIT
VALUE
400
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F = 60 Hz
T =125ºC
j
T = 125ºC
j
T = 125ºC
j
T = 20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
V
600 to 1200
T =125ºC
j
VDRM
VRRM
Repetitive peak off-state voltage
Repetitive peak reverse voltage
(180° conduction angle )
4
1
Average on-state current
(180° conduction angle)
IT(AV)
19
A
I = 2xl , t ≤100ns
G
GT r
TO-3P/TO-247AB
TO-220AB/TO-263
T =100°C
c
T =95°C
c
Maximum gate power
PGM
W
10
T =20µs
p
T = 125ºC
j
TO-220AB insulated/TO-3P insulated
T =100°C
c
T =95°C
c
30
420
control.
Base on a clip assembly technology, they offer a
superior performance in surge current capabilities.
TO-3P/TO-247AB
TO-220AB/TO-263
TO-220AB insulated/TO-3P insulated
Maximum peak reverse gate voltage
VRGM
5
V
T =80°C
c
T =80°C
c
TO
-220AB (non-Insulated)
TO-3P
(non-Insulated)
K A
2
TO
-263 (D PAK)
K
A G
A
G
(30PTxxH)
(30PTxxA)
(30PTxxB)
A
K A
G
TO-220AB
(lnsulated)
TO
-3P (Insulated)
K
A G
(30PTxxAI)
(30PTxxBI)
TO
-247AB
(30PTxxC)
G
3(G)
1(K)
2(A)
K A
G
K
A
A


Similar Part No. - 30PT06AI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
30PT06AI NELLSEMI-30PT06AI Datasheet
900Kb / 6P
Stansard SCRs, 30A
More results

Similar Description - 30PT06AI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
Stansard SCRs, 16A
55PT06AI NELLSEMI-55PT06AI Datasheet
898Kb / 5P
Stansard SCRs, 55A
16PT NELLSEMI-16PT_14 Datasheet
662Kb / 6P
Stansard SCRs, 16A
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
Stansard SCRs
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
Stansard SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com