Electronic Components Datasheet Search
  English  ▼

X  

30PT08AI Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 30PT08AI
Description  Stansard SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

30PT08AI Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  30PT08AI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 30PT08AI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 30PT08AI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 30PT08AI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 30PT08AI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 30PT08AI Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
30PT Series
Fig.3 RMS on-state current versus case
temperature.
Fig.4 Relative variation of thermal impedance
versus pulse duration.
Fig.5 Relative variation of gate trigger
current versus junction temperature.
Fig.6 Surge peak on-state current versus
number of cycles.
Fig.7 Non-repetitive surge peak on-state
current and corresponding value of
2
l t versus sinusoidal pulse width
Fig.8 On-state characteristics
(maximum values)
1.00
0.10
0.01
0.0
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0.0
0.5
1.0
1.5
2.0
2.5
120 130
-40
100
-30
0
20
40
60
80
-20 -10
10
30
50
70
90
110
500
400
300
200
100
0
1
10
100
1000
2000
1000
200
1
2
5
10
1000
100
10
1
1
2
4
5
6
3
I
(A)
TM
I
(A)
TSM
l ,l ,l [T ] / l ,l ,l [T =25°C]
GT H L
j
GT H L
j
K=[Z
/R
]
th(j-c)
th(j-c)
I
(A)
T(RMS)
0
5
10
15
20
25
30
35
0
25
50
75
100
125
TO-3P
TO-247AB
TO-220AB
TO-263
TO-220AB
TO-3P
insulated
insulated
Zth(j-c)
Zth(j-a)
T
(°C)
case
t (s)
P
lGT
l &l
H
L
T (°C)
j
Number of cycles
T initial = 25°C
j
2
pulse with t < 10 ms, and corresponding values of l t
p
ITSM
2
2
I
(A), l t (A s)
TSM
2
l t
T initial = 25°C
j
T (ms)
p
T = max
j
T = 25°C
j
V (V)
TM
T = max.:
j
V =1.27V
to
R = 12mΩ
d
Page 4 of 6
www.nellsemi.com
t = 10ms
p
One cycle



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com