Electronic Components Datasheet Search
  English  ▼

X  

NKT55 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # NKT55
Description  Thyristor/Diode Power Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKT55 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  NKT55 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKT55 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKT55 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKT55 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Fig.1 Peak on-state voltage vs. peak on-state current
Fig.2 Max. junction to case thermal Impedance vs. time
Fig.3 Power dissipation vs. average on-state current
Fig.4 Case Temperature Vs. Average On-state Current
Fig.5 Surge on-state current vs. cycles
Time(cycles)
peak on-state current (A)
Time (s)
Average on-state current (A)
Average On-state Current (A)
30°
180°
0
0.1
0.2
0.3
0.4
0.001
0.01
0.1
1
10
3.6
2.8
2.4
2
1.6
1.2
3.2
10
100
1000
120
0.8
100
80
60
40
20
0
0
30
60
20
10
40
0.2
0.4
0.6
0.8
1
1
100
10
50
70
1.2
1.4
www.nellsemi.com
T = 150°C
J
60°
90°
120°
0
180
Conduction Angle
Fig.6 Gate characteristics
Gate current (mA)
¹
10
²
10
³
10
¹
10
2
5
5
2
5
2
2
º
10
5
5
2
2
Maximum Gate Voltage that will not trigger any unit
125°C
25°C
-40°C
Peak Forward Gate Voltage (10V)
Pea
k G
ate
Pow
er (
10w
)
Ave
rag
e G
ate P
owe
r (3
w)
60
0
20
40
60
80
70
80
90
100
110
120
130
0
180
Conduction Angle
60°
30°
90°
120°
180°
140
150
-
¹
10
Nell High Power Products
NKT55/NKH55 Series RoHS
Apr 2017



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com