Electronic Components Datasheet Search
  English  ▼

X  

NP501 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # NP501
Description  Power Modules Passivated Assembled Circuit Elements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NP501 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  NP501 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NP501 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NP501 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NP501 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NP501 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NP501 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd NP501 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RoHS
RoHS
Nell High Power Products
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION
CODE
SCHEMATIC DIAGRAM
TERMINAL POSITIONS
Single phase, hybrid
bridge common cathode
Blank
W
S
single phase, all SCR bridge
Single phase, hybrid bridge
common cathode with a
freewheeling diode
G1
G2
AC1
AC2
(-)
(+)
AC1
AC2
G1
G2
-
+
(-)
(+)
AC1
AC2
G1
G2
AC1
AC2
G1
G2
-
+
G3
G1
AC1
AC2
G4
G2
(-)
(+)
AC1
AC2
G1
G2
G3
G4
-
+
(1)
CODING
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION
CODE
BASIC
SERIES
Single phase, hybrid bridge common cathode
Single phase, hybrid bridge common cathode
with a freewheeling diode
single phase, all SCR bridge
Blank
W
S
NP50X
NP50XW
NP50XS
Note
(1) To complete code refer to voltage Ratings table, i.e.: For 1600V of NP50XW, complete code is NP505W.
N
P
1
2
-
3
-
-
Ordering Information Table
Device code
3
2
50
5
4
-
5
Nell Power semiconductors product
Module type
Current rating, 50 = 50A DC
Circuit configuration
W
5
1
Blank = Single Phase, Hybrid Bridge Common Cathode
W = Single Phase, Hybrid Bridge Common Cathode with a freewheeling diode
S = Single Phase, all SCR Bridge
-
4
Voltage code
1 = 400V
2 = 800V
3 = 1000V
4 = 1200V
5 = 1600V
NP500 Series
www.nellsemi.com
Page 4 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com