Electronic Components Datasheet Search
  English  ▼

X  

CPC1822N Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1822N
Description  4V Output Solar Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1822N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1822N Datasheet HTML 1Page - Clare, Inc. CPC1822N Datasheet HTML 2Page - Clare, Inc. CPC1822N Datasheet HTML 3Page - Clare, Inc. CPC1822N Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPC1822
www.clare.com
3
R0B
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC1822
Normalized Open Circuit Output
Voltage vs. Light Intensity
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
Light Intensity (lux X 1000)
10
CPC1822
Normalized Short Circuit Output
Current vs. Light Intensity
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
0
2
4
6
8
Light Intensity (lux X 1000)
10
CPC1822
Normalized Open Circuit Output
Voltage vs. Incident Angle of Light to
Photodiode Surface
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
20
40
60
80
Incident Angle (Degrees)
100
CPC1822
Normalized Short Curcuit Output Current
vs. Incident Angle of Light to
Photodiode Surface
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
20
40
60
80
Incident Angle (Degrees)
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com