Electronic Components Datasheet Search
  English  ▼

X  

MSM5416273 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM5416273
Description  262,144-Word x 16-Bit Multiport DRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5416273 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM5416273 Datasheet HTML 1Page - OKI electronic componets MSM5416273 Datasheet HTML 2Page - OKI electronic componets MSM5416273 Datasheet HTML 3Page - OKI electronic componets MSM5416273 Datasheet HTML 4Page - OKI electronic componets MSM5416273 Datasheet HTML 5Page - OKI electronic componets MSM5416273 Datasheet HTML 6Page - OKI electronic componets MSM5416273 Datasheet HTML 7Page - OKI electronic componets MSM5416273 Datasheet HTML 8Page - OKI electronic componets MSM5416273 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
¡ Semiconductor
MSM5416273
2/40
PIN CONFIGURATION (TOP VIEW)
Note:
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
DQ15
SDQ15
DQ14
SDQ14
VCC
DQ13
SDQ13
DQ12
SDQ12
VSS
DQ11
SDQ11
DQ10
SDQ10
VCC
DQ9
SDQ9
SDQ7
DQ7
SDQ6
DQ6
VSS
SDQ5
DQ5
SDQ4
DQ4
VSS
SDQ0
DQ0
SDQ1
DQ1
VCC
SDQ2
DQ2
VCC
SC
VSS
VCC
SDQ3
DQ3
VSS
SE
TRG
A5
A4
VCC
DQ8
VSS
DSF
NC
CASU
QSF
A0
A1
A2
A3
VSS
SDQ8
CASL
WE
A6
A7
A8
RAS
1
64-Pin Plastic SSOP
2
3
4
5
6
7
8
9
10
11
13
14
15
16
17
18
19
20
12
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33


Pin Name
Function
A0 - A8
Address Input
RAS
Row Address Strobe
CASL
Column Address Strobe Lower
TRG
Transfer/Output Enable
CASU
Column Address Strobe Upper
Pin Name
Function
SC
Serial Clock
SE
SAM Port Enable
DSF
Special Function Input
VCC
Power Supply (5 V)
NC
No Connection
DQ0 - DQ15
RAM Inputs/Outputs
SDQ0 - SDQ15
SAM Inputs/Outputs
QSF
Special Function Output
VSS
Ground (0 V)
WE
Write Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com