Electronic Components Datasheet Search
  English  ▼

X  

TMP141AIDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP141AIDBVT
Description  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP141AIDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP141AIDBVT Datasheet HTML 5Page - Texas Instruments TMP141AIDBVT Datasheet HTML 6Page - Texas Instruments TMP141AIDBVT Datasheet HTML 7Page - Texas Instruments TMP141AIDBVT Datasheet HTML 8Page - Texas Instruments TMP141AIDBVT Datasheet HTML 9Page - Texas Instruments TMP141AIDBVT Datasheet HTML 10Page - Texas Instruments TMP141AIDBVT Datasheet HTML 11Page - Texas Instruments TMP141AIDBVT Datasheet HTML 12Page - Texas Instruments TMP141AIDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TMP141
SBAS347 − MARCH 2005
www.ti.com
9
Read and Write Transactions
A complete Read transmission consists of a Start Bit, the device number, the Register Number, R/W = 1, the data bits, an
even parity bit, and an Acknowledge bit. The most significant bit is sent first.
Read Transaction
START
DEVICE NUMBER
REGISTER NUMBER
R/W
8 or 16 DATA BITS
EP
ACK
M
M
M
M
M
M
M
M
M
M
M
S
… S
S
M
A complete Write transmission consists of a Start Bit, the device number, the Register Number, R/W = 0, the data bits, an
even parity bit, and an Acknowledge bit.
Write Transaction
START
DEVICE NUMBER
REGISTER NUMBER
R/W
8 or 16 DATA BITS
EP
ACK
M
M
M
M
M
M
M
M
M
M
M
M
… M
M
S
M indicates that the bit is initiated and controlled by the master. S indicates that the bit is initiated by the master but controlled
by the slave; if the data is a ‘1’, the slave lengthens the time that the bus is held low to signal a ‘1’.
The device number is three bits long. Device number 0 is reserved for a broadcast to all devices, leaving address space
for seven slaves.
The Register Number is six bits long.
The R/W is a ‘1’ for a read operation. The R/W bit is a ‘0’ for a write operation.
All data bits are started by the master pulling the bus low. The TMP141 will detect the bus being low within time tSFEdet.
If it is a read transaction and the TMP141 needs to send a ‘1’ for that bit period, it will hold the bus low for time tSLout1.
In a Write operation, the data bits and parity are sent by the master. In a Read operation, the data bits and parity are sent
by the TMP141. Data length is eight bits for registers 0, 4, and 20h. All other registers are 16 bits long. The number of bits
transmitted or received depends on the length of the register: 8 bits for an 8-bit register and 16 bits for a 16-bit register.
Even parity (EP) is used on the SensorPath. The parity calculation includes all bits after the Start Bit, up to and including
the parity bit. Thus, the parity calculation includes the device number, the Register Number, R/W, the data bits, and the
parity bit. In a Write operation, the TMP141 checks the parity sent by the master before generating the Acknowledge bit.
The Acknowledge bit is sent by the receiving unit. In a Write operation, the Acknowledge bit will come from the TMP141.
In a Read operation, the master generates the Acknowledge bit.
ACKNOWLEDGE Bit Definition:
1: A complete data transmission was completed without a parity error.
0: An error was detected. (BER in the Status Register will be set. An Attention Request will be generated.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com