Electronic Components Datasheet Search
  English  ▼

X  

PS9617L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PS9617L
Description  HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PS9617L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PS9617L Datasheet HTML 3Page - List of Unclassifed Manufacturers PS9617L Datasheet HTML 4Page - List of Unclassifed Manufacturers PS9617L Datasheet HTML 5Page - List of Unclassifed Manufacturers PS9617L Datasheet HTML 6Page - List of Unclassifed Manufacturers PS9617L Datasheet HTML 7Page - List of Unclassifed Manufacturers PS9617L Datasheet HTML 8Page - List of Unclassifed Manufacturers PS9617L Datasheet HTML 9Page - List of Unclassifed Manufacturers PS9617L Datasheet HTML 10Page - List of Unclassifed Manufacturers PS9617L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PS9617,PS9617L
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
20
40
60
80
100
0
85
10
20
30
40
20
40
60
80
85
100
0
20
10
30
50
40
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +85˚C
+50˚C
+25˚C
0˚C
–25˚C
–50
–25
0
25
50
75
100
0
12
10
8
6
4
2
123456
–50
–25
0
25
50
75
1
IF = 5.0 mA,
VCC = 5.5 V
6
5
4
3
2
1
0
0.6
0.5
0.4
0.3
0.2
0.1
0
00
RL = 350
Ω
VCC = 5.0 V
1.0 k
Ω
4.0 k
Ω
13.0 mA
10.0 mA
6.0 mA
IOL = 16.0 mA
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Ambient Temperature TA (˚C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
Ambient Temperature TA (˚C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
ICCL (IF = 10 mA)
ICCH (IF = 0 mA)
Remark The graphs indicate nominal characteristics.
Data Sheet PN10568EJ01V0DS
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com