Electronic Components Datasheet Search
  English  ▼

X  

TA915FC Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # TA915FC
Description  SAW Filter 915.0MHz for ISM900 (High Attenuation)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA915FC Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  TA915FC Datasheet HTML 1Page - Golledge Electronics Ltd TA915FC Datasheet HTML 2Page - Golledge Electronics Ltd TA915FC Datasheet HTML 3Page - Golledge Electronics Ltd TA915FC Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 915.0MHz for ISM900 (High Attenuation)
Model: TA915FC
Part No: MA03704
Rev No: 2
TA915FC v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 0V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Min.
Typ.
Max.
Center frequency Fc (MHz)
-
915.0
-
Insertion loss within 902 ~ 928MHz IL (dB)
-
2.9
3.5
Amplitude ripple (p-p) within 902 ~ 928MHz (dB)
-
1.4
2.0
Attenuation (Reference level from 0dB)
DC ~ 800MHz (dB)
25,0
33,0
-
800 ~ 880MHz (dB)
20,0
37,0
-
960 ~ 1280MHz (dB)
35,0
38,0
-
1280 ~ 2000MHz (dB)
20,0
35,0
-
Temperature coefficient of frequency TCf (ppm/K)
-
-30
-
Source impedance ZS (Ω)
-
50
-
Load impedance ZL (Ω)
-
50
-
Note 1: The standard definitions is in JIS C 6703.


Similar Part No. - TA915FC

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA915FC TAI-SAW-TA915FC Datasheet
364Kb / 5P
SAW Filter 915 MHz SMD 3.8X3.8 mm
More results

Similar Description - TA915FC

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F9151 ITF-F9151 Datasheet
274Kb / 7P
SAW Bandpass Filter 915.0MHz
2010-03-15
logo
Abracon Corporation
AFS915.0W03-TS3 ABRACON-AFS915.0W03-TS3 Datasheet
946Kb / 2P
SMD 915.0MHz SAW FILTER
11.07.11
logo
Golledge Electronics Lt...
MA05555 GOLLEDGE-MA05555 Datasheet
102Kb / 4P
IF SAW Filter 70MHz High Attenuation
MA09103 GOLLEDGE-MA09103 Datasheet
179Kb / 6P
915.0MHz SAW Filter
MP02566 GOLLEDGE-MP02566 Datasheet
103Kb / 7P
SAW Filter 915.0MHz
MP04309 GOLLEDGE-MP04309 Datasheet
242Kb / 6P
SAW Filter 915.0MHz
MP03642 GOLLEDGE-MP03642 Datasheet
106Kb / 6P
SAW Filter 915.0MHz
MP04574 GOLLEDGE-MP04574 Datasheet
122Kb / 6P
SAW Filter 915.0MHz
MP06992 GOLLEDGE-MP06992 Datasheet
230Kb / 6P
SAW Filter 915.0MHz
MA03705 GOLLEDGE-MA03705 Datasheet
228Kb / 4P
SAW Filter 915 0MHz for ISM900
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com