Electronic Components Datasheet Search
  English  ▼

X  

TA930GC Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # TA930GC
Description  SAW Filter 930.50MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA930GC Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  TA930GC Datasheet HTML 1Page - Golledge Electronics Ltd TA930GC Datasheet HTML 2Page - Golledge Electronics Ltd TA930GC Datasheet HTML 3Page - Golledge Electronics Ltd TA930GC Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 930.50MHz
Model: TA930GC
Part No: MA05186
Rev. No: 4
TA930GC v4
2
C. FREQUENCY CHARACTERISTICS:
TA930GC
-70
-60
-50
-40
-30
-20
-10
0
830.5 850.5 870.5 890.5 910.5 930.5 950.5 970.5 990.5 1011 1031
Freq.(MHz)
TA930GC
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
915 917 919 921 923 925 927 929 931 933 935 937 939 941 943
Freq.(MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com