Electronic Components Datasheet Search
  English  ▼

X  

TA284FD Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # TA284FD
Description  SAW Filter 284MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA284FD Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  TA284FD Datasheet HTML 1Page - Golledge Electronics Ltd TA284FD Datasheet HTML 2Page - Golledge Electronics Ltd TA284FD Datasheet HTML 3Page - Golledge Electronics Ltd TA284FD Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 284MHz
Model: TA284FD
Part No: MP01403
Rev No: 3
TA284FD v3
1
A. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 10 V
3. Operating Temperature: -10°C to +50°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Specification
Note
Center frequency Fc (MHz)
284
1
IL (Within Fc ± 4MHz) (dB)
4.5 max.
Pass band BW 4.5dB (MHz)
8.0 min.
1
Ripple (Within Fc ± 4MHz) (dB)
2.0 max.
1
Attenuation (Reference level from 0dB) (dB)
Fc -100MHz to -37.5MHz (dB)
48 min.
1
Fc +37.5MHz to +100MHz (dB)
48 min.
Impedance at Fc Input ZIN = RIN // CIN
150
// 0pF
2
Output ZOUT = ROUT // COUT
150
// 0pF
2
Note 1: The standard definitions is in JIS C 6703
Note 2:
Z
IN = 1 5 0 Ω // 0 p F
Z
OU T= 1 5 0 Ω // 0 p F
S ource im pedance
50
Ω
Load im pedance
50
Ω


Similar Part No. - TA284FD

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA284FD TAI-SAW-TA284FD Datasheet
288Kb / 5P
SAW Filter 284 MHz
More results

Similar Description - TA284FD

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0205A TAI-SAW-TA0205A Datasheet
560Kb / 5P
284MHz SAW Filter
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA09364 GOLLEDGE-MA09364 Datasheet
135Kb / 4P
SAW Filter: 284MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com