Electronic Components Datasheet Search
  English  ▼

X  

MP07119 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07119
Description  SAW Filter 869.2250MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07119 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07119 Datasheet HTML 1Page - Golledge Electronics Ltd MP07119 Datasheet HTML 2Page - Golledge Electronics Ltd MP07119 Datasheet HTML 3Page - Golledge Electronics Ltd MP07119 Datasheet HTML 4Page - Golledge Electronics Ltd MP07119 Datasheet HTML 5Page - Golledge Electronics Ltd MP07119 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 869.2250MHz
Model: TA1912A
Part No: MP07119
Rev No: 1
TA1912A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Input Power Level: 20dBm
2. DC Voltage: 5V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source / load impedance (single): ZS = 50Ω/ZL = 50Ω
2. Test Temperature25°C
Item
Unit
Min
Typ.
Max
Center Frequency Fc
MHz
-
869.225
-
Insertion Loss (868.3 ~ 870.15MHz) IL
dB
4.0
5.0
VSWR (868.3 ~ 870.15MHz)
1.3
2.0
Amplitude ripple
(868.3 ~ 870.15MHz)
dB
1.0
2.0
Attenuation
50 ~ 791MHz
dB
45
50
791 ~ 848MHz
dB
35
40
848 ~ 862MHz
dB
30
40
880 ~ 883MHz
dB
30
40
883 ~ 1000MHz
dB
45
50
C. TEST CIRCUIT:


Similar Part No. - MP07119

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP0712-2 FAIRVIEW-MP0712-2 Datasheet
120Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
MP0712A-2 FAIRVIEW-MP0712A-2 Datasheet
618Kb / 3P
2 Way Power Divider SMA Interface to 12.4 GHz Rated at 10 Watts
REV 1.0
More results

Similar Description - MP07119

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com