Electronic Components Datasheet Search
  English  ▼

X  

MP07593 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07593
Description  SAW Filter 121.50MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07593 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07593 Datasheet HTML 1Page - Golledge Electronics Ltd MP07593 Datasheet HTML 2Page - Golledge Electronics Ltd MP07593 Datasheet HTML 3Page - Golledge Electronics Ltd MP07593 Datasheet HTML 4Page - Golledge Electronics Ltd MP07593 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 121.50MHz
Model: TA1952A
Part No: MP07593
Rev No: 1
TA1952A v1
1
A. MAXIMUM RATING:
Electrostatic Sensitive Device (ESD)
1. Input Power Level: 15dBm
2. DC Voltage: 10V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -45°C to +90°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
121.5
-
Insertion Loss (121.475 ~ 121.525MHz) IL
dB
-
1.4
2.5
Bandwidth @ -1dB
MHz
0.05
1.75
-
Amplitude Ripple (121.475 ~ 121.525MHz)
dB
-
0.1
1.2
Attenuation (Reference level from 0dB)
101.5 ~ 113.5MHz
dB
40
52
-
113.5 ~ 116.5MHz
dB
20
31
-
116.5 ~ 118.5MHz
dB
15
35
-
118.5 ~ 119.3MHz
dB
5
58
-
123.7 ~ 124.5MHz
dB
5
15
-
124.5 ~ 126.5MHz
dB
12
16
-
126.5 ~ 129.5MHz
dB
16
22
-
129.5 ~ 141.5MHz
dB
36
41
-
Temperature coefficient of frequency
ppm/k
-
-32
-
C. MEASUREMENT CIRCUIT:


Similar Part No. - MP07593

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07594 GOLLEDGE-MP07594 Datasheet
113Kb / 5P
SAW Filter 262.0MHz
MP07595 GOLLEDGE-MP07595 Datasheet
206Kb / 5P
SAW Filter 265.0MHz
MP07596 GOLLEDGE-MP07596 Datasheet
182Kb / 6P
SAW Filter 311.0MHz
MP07597 GOLLEDGE-MP07597 Datasheet
260Kb / 5P
SAW Filter 315.0MHz
MP07598 GOLLEDGE-MP07598 Datasheet
195Kb / 6P
SAW Filter 399.80MHz
More results

Similar Description - MP07593

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com