Electronic Components Datasheet Search
  English  ▼

X  

MP08141 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP08141
Description  SAW Filter 737.50MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP08141 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP08141 Datasheet HTML 1Page - Golledge Electronics Ltd MP08141 Datasheet HTML 2Page - Golledge Electronics Ltd MP08141 Datasheet HTML 3Page - Golledge Electronics Ltd MP08141 Datasheet HTML 4Page - Golledge Electronics Ltd MP08141 Datasheet HTML 5Page - Golledge Electronics Ltd MP08141 Datasheet HTML 6Page - Golledge Electronics Ltd MP08141 Datasheet HTML 7Page - Golledge Electronics Ltd MP08141 Datasheet HTML 8Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 737.50MHz
Model: TA1949A
Part No: MP08141
Rev No: 1
TA1949A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Operating temperature range: -30°C to +85°C
2. Storage temperature range: -40°C to +85°C
3. Maximum Input Power: 15dBm
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance: ZS = 50Ω (Single-ended)
2. Terminating load impedance: ZL = 100Ω (Balanced)
Parameters Description
Unit
Min.
Typ.
Max.
Center Frequency
MHz
-
737.5
-
Insertion Loss
729 ~ 746MHz
dB
-
1.6
2.5
Amplitude Ripple
729 ~ 746MHz
dB
-
0.5
1.5
VSWR
Input
729 ~ 746MHz
-
-
1.8
2.1
Output
729 ~ 746MHz
-
-
1.8
2.1
Amplitude balance
729 ~ 746MHz
dB
-1.0
-0.1~+0.2
+1.0
Phase balance
729 ~ 746MHz
deg
-10
-1.0~+1.0
+10
Attenuation:
10 ~ 698MHz
dB
40
59
-
699 ~ 716MHz
dB
48
55
-
791 ~ 4000MHz
dB
35
45
-
4000 ~ 6000MHz
dB
30
48
-
Note: No Matching Network.


Similar Part No. - MP08141

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP08140 GOLLEDGE-MP08140 Datasheet
201Kb / 5P
SAW Filter 622.080MHz
MP08142 GOLLEDGE-MP08142 Datasheet
184Kb / 8P
SAW Filter 782.0MHz
More results

Similar Description - MP08141

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com