Electronic Components Datasheet Search
  English  ▼

X  

IXFH7N90Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFH7N90Q
Description  HiPerFETTM Power MOSFETs Q-Class
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH7N90Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFH7N90Q Datasheet HTML 1Page - IXYS Corporation IXFH7N90Q Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
900
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
900
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C7
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
28
A
I
AR
T
C
= 25
°C7
A
E
AR
T
C
= 25
°C20
mJ
E
AS
700
mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
180
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, High dv/dt
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1 mA
900
V
V
GS(th)
V
DS
= V
GS, ID = 2.5 mA
3.0
5.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS
= 0.8 V
DSS
T
J =
25
°C50
mA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
1.5
W
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
98645 (8/99)
TO-247 AD (IXFH)
G = Gate
D
= Drain
S = Source
TAB = Drain
HiPerFETTM
Power MOSFETs
Q-Class
TO-268 (D3) ( IXFT)
(TAB)
G
S
IXFH 7N90Q
IXFT 7N90Q
Advanced Technical Information
IXYS reserves the right to change limits, test conditions, and dimensions.
Features
• IXYS advanced low Q
g process
• Low gate charge and capacitances
- easier to drive
- faster switching
• International standard packages
• Low R
DS (on)
• Unclamped Inductive Switching (UIS)
rated
• Molding epoxies meet UL94V-0
flammabilityclassification
Advantages
• Easy to mount
• Space savings
• High power density
V
DSS
= 900 V
I
D25
=
7 A
R
DS(on)
=
1.5
W
t
rr £ 250 ns


Similar Part No. - IXFH7N90Q

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH7N90Q ISC-IXFH7N90Q Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFH7N90Q IXYS-IXFH7N90Q_02 Datasheet
141Kb / 2P
HiPerFET Power MOSFETs Q-Class
More results

Similar Description - IXFH7N90Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH90N20Q IXYS-IXFH90N20Q Datasheet
100Kb / 2P
HiPerFETTM Power MOSFETs Q-CLASS
IXFH20N80Q IXYS-IXFH20N80Q Datasheet
72Kb / 2P
HiPerFETTM Power MOSFETs Q-Class
IXFH26N60Q IXYS-IXFH26N60Q Datasheet
107Kb / 2P
HiPerFETTM Power MOSFETs Q-Class
IXFR26N60Q IXYS-IXFR26N60Q Datasheet
37Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS247 Q-CLASS
IXFH12N100Q IXYS-IXFH12N100Q Datasheet
146Kb / 4P
HiPerFETTM Power MOSFETs Q Class
IXFT15N100Q3 IXYS-IXFT15N100Q3 Datasheet
134Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFT18N100Q3 IXYS-IXFT18N100Q3 Datasheet
137Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFT30N50Q3 IXYS-IXFT30N50Q3 Datasheet
138Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFT44N50Q3 IXYS-IXFT44N50Q3 Datasheet
138Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFT50N30Q3 IXYS-IXFT50N30Q3 Datasheet
139Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com