Electronic Components Datasheet Search
  English  ▼

X  

PDB-C152SM Datasheet(PDF) 1 Page - Luna Innovations Incorporated

Part # PDB-C152SM
Description  Photodiode in Plastic Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUNA [Luna Innovations Incorporated]
Direct Link  https://lunainc.com/
Logo LUNA - Luna Innovations Incorporated

PDB-C152SM Datasheet(HTML) 1 Page - Luna Innovations Incorporated

  PDB-C152SM Datasheet HTML 1Page - Luna Innovations Incorporated PDB-C152SM Datasheet HTML 2Page - Luna Innovations Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photodiode in Plastic Surface Mount Package
PDB-C152SM
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 1/2
REV 01-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
DESCRIPTION
FEATURES
The PDB-C152SM is a blue enhanced PIN silicon photodiode in a
photoconductive mode packaged in a water clear surface mount package.
• Surface Mount
• Photoconductive
• High Speed
• Low cost
RELIABILITY
APPLICATIONS
Contact Luna for recommendations on specific test conditions and
procedures.
• Industrial Controls
• Opto Switches
• Opto Counters
ABSOLUTE MAXIMUM RATINGS
SYMBOL
MIN
MAX
UNITS
Reverse Voltage
-
-
50
V
Ta = 23°C UNLESS OTHERWISE NOTED
Storage Temperature
-40
-
+125
°C
-
Operating Temperature
-40
to
+80
°C
-
Soldering Temperature*
-
-
+240
°C
-
* 1/16 inch from case for 3 seconds max.
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
SURFACE MOUNT PACKAGE
.038 [0.97] SQUARE
.032 [0.81] SQUARE
ACTIVE AREA
.079 [2.00]
.126 [3.20]
.032 [0.80]
.063 [1.60]
120°
VIEWING
ANGLE
.024 [0.60]
.079 [2.00]
.043 [1.10]
.020 [0.50]
2X .020 [0.50]
.087 [2.20]
GREEN CATHODE
MARK
ANODE


Similar Part No. - PDB-C152SM

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C152SM ADVANCEDPHOTONIX-PDB-C152SM Datasheet
128Kb / 1P
Photodiode in Plastic Surface Mount Package
More results

Similar Description - PDB-C152SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDV-C173SM ETC2-PDV-C173SM Datasheet
143Kb / 1P
Photodiode in Plastic Surface Mount Package
PDI-C172SMF ETC2-PDI-C172SMF Datasheet
143Kb / 1P
Photodiode in Plastic Surface Mount Package
logo
Advanced Photonix, Inc.
PDB-C150SM ADVANCEDPHOTONIX-PDB-C150SM Datasheet
142Kb / 1P
Photodiode in Plastic Surface Mount Package
PDB-C152SM ADVANCEDPHOTONIX-PDB-C152SM Datasheet
128Kb / 1P
Photodiode in Plastic Surface Mount Package
PDB-C154SM ADVANCEDPHOTONIX-PDB-C154SM Datasheet
93Kb / 1P
Photodiode in Plastic Surface Mount Package
PDB-C160SM ADVANCEDPHOTONIX-PDB-C160SM Datasheet
148Kb / 1P
Photodiode in Plastic Surface Mount Package
PDB-C171SM ADVANCEDPHOTONIX-PDB-C171SM Datasheet
94Kb / 1P
Photodiode in Plastic Surface Mount Package
logo
API Delevan
PDB-C154SMF API-PDB-C154SMF Datasheet
100Kb / 1P
Photodiode in Plastic Surface Mount Package
logo
Luna Innovations Incorp...
PDB-C154SM LUNA-PDB-C154SM Datasheet
186Kb / 2P
Photodiode in Plastic Surface Mount Package
PDB-C150SM LUNA-PDB-C150SM Datasheet
189Kb / 2P
Photodiode in Plastic Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com