Electronic Components Datasheet Search
  English  ▼

X  

DP8480A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8480A
Description  DP8480A 10k ECL to TTL Level Translator with Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8480A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8480A Datasheet HTML 1Page - National Semiconductor (TI) DP8480A Datasheet HTML 2Page - National Semiconductor (TI) DP8480A Datasheet HTML 3Page - National Semiconductor (TI) DP8480A Datasheet HTML 4Page - National Semiconductor (TI) DP8480A Datasheet HTML 5Page - National Semiconductor (TI) DP8480A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5861
April 1990
DP8480A 10k ECL to TTL Level Translator with Latch
General Description
This circuit translates ECL input levels to TTL output levels
and provides a fall-through latch The TRI-STATE
outputs
are designed to drive standard 50 pF loads The strobe and
chip select inputs operate at ECL levels
Features
Y
16-pin DIP
Y
TRI-STATE outputs
Y
ECL control inputs
Y
8 ns typical propagation delay with 50 pF load
Y
Outputs are TRI-STATE during power updown for
glitch free operation
Y
10k ECL input compatible
Logic and Connection Diagram
Dual-In-Line Package
TLF5861 – 1
Top View
Truth Table
DQ
STR
CS
HL
L
L
LH
L
L
XQ
HL
X
Hi-Z
X
H
H e high level (most positive)
L e low level (most negative)
X e don’t care
Order Number DP8480AJ or DP8480AN
See NS Package Number J16A or N16A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8480A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
TTL to 10k ECL Level Translator with Latch
logo
Texas Instruments
DP8481-N TI1-DP8481-N Datasheet
360Kb / 8P
DP8481 TTL to 10k ECL Level Translator with Latch
logo
National Semiconductor ...
DP8481F NSC-DP8481F Datasheet
110Kb / 6P
TTL to 10k ECL Level Translator with Latch
DP8481J NSC-DP8481J Datasheet
110Kb / 6P
TTL to 10k ECL Level Translator with Latch
DP8481N NSC-DP8481N Datasheet
110Kb / 6P
TTL to 10k ECL Level Translator with Latch
More results

Similar Description - DP8480A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
National Semiconductor ...
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
TTL to 10k ECL Level Translator with Latch
DP8483 NSC-DP8483 Datasheet
118Kb / 6P
TTL to 100k ECL Level Translator with Latch
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
logo
National Semiconductor ...
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
100k ECL to TTL Level Translator with Latch
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
logo
Texas Instruments
DP8481-N TI1-DP8481-N Datasheet
360Kb / 8P
DP8481 TTL to 10k ECL Level Translator with Latch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com